Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27715 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TSL27715
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27715 Datasheet(HTML) 2 Page - OSRAM GmbH

  TSL27715 Datasheet HTML 1Page - OSRAM GmbH TSL27715 Datasheet HTML 2Page - OSRAM GmbH TSL27715 Datasheet HTML 3Page - OSRAM GmbH TSL27715 Datasheet HTML 4Page - OSRAM GmbH TSL27715 Datasheet HTML 5Page - OSRAM GmbH TSL27715 Datasheet HTML 6Page - OSRAM GmbH TSL27715 Datasheet HTML 7Page - OSRAM GmbH TSL27715 Datasheet HTML 8Page - OSRAM GmbH TSL27715 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
ams Datasheet
Page 1
[v1-00] 2016-Mar-22
Document Feedback
TSL2771
Light-to-Digital Converter with
Proximity Sensing
The TSL2771 family of devices provides both ambient light
sensing (ALS) and proximity detection (when coupled with an
external IR LED). The ALS approximates human eye response to
light intensity under a variety of lighting conditions and
through a variety of attenuation materials. The proximity
detection feature allows a large dynamic range of operation for
use in short distance detection behind dark glass such as in a
cell phone or for longer distance measurements for
applications such as presence detection for monitors or
laptops. The programmable proximity detection enables
continuous measurements across the entire range. In addition,
an internal state machine provides the ability to put the device
into a low power mode in between ALS and proximity
measurements providing very low average power
consumption.
While useful for general purpose light sensing, the device is
particularly useful for display management with the purpose of
extending battery life and providing optimum viewing in
diverse lighting conditions. Display panel and keyboard
backlighting can account for up to 30 to 40 percent of total
platform power. The ALS features are ideal for use in tablets,
notebook PCs, LCD monitors, flat-panel televisions, and cell
phones.
The proximity function is targeted specifically towards cell
phone, LCD monitor, laptop, and flat-panel television
applications. In cell phones, the proximity detection can detect
when the user positions the phone close to their ear. The device
is fast enough to provide proximity information at a high
repetition rate needed when answering a phone call. It can also
detect both close and far distances so the application can
implement more complex algorithms to provide a more robust
interface. In laptop or monitor applications, the product is
sensitive enough to determine whether a user is in front of the
laptop using the keyboard or away from the desk. This provides
both improved green power saving capability and the added
security to lock the computer when the user is not present.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com