Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27725 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TSL27725
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27725 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TSL27725 Datasheet HTML 7Page - OSRAM GmbH TSL27725 Datasheet HTML 8Page - OSRAM GmbH TSL27725 Datasheet HTML 9Page - OSRAM GmbH TSL27725 Datasheet HTML 10Page - OSRAM GmbH TSL27725 Datasheet HTML 11Page - OSRAM GmbH TSL27725 Datasheet HTML 12Page - OSRAM GmbH TSL27725 Datasheet HTML 13Page - OSRAM GmbH TSL27725 Datasheet HTML 14Page - OSRAM GmbH TSL27725 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
Page 10
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-30
TSL2772 − Absolute Maximum R atings
Note(s):
1. Parameter is ensured by design or characterization and is not tested.
2. Proximity noise is defined as one standard deviation of 600 samples.
3. Proximity noise typically increases as √PPULSE
4. Greater operating distances are achievable with appropriate optical system design considerations. See available ams OSRAM
application notes for additional information.
5. Maximum operating distance is dependent upon emitter and the reflective properties of the object’s surface.
6. Proximity noise test was done using Figure 10.
Figure 10:
Proximity Noise Test Circuit
LED drive current
ISINK sink
current @ 1.6V,
LDR pin
120mA: PDRIVE = 0 &
PDL = 0
87
116
145
mA
60mA: PDRIVE = 1 & PDL = 0
58
30mA: PDRIVE = 2 & PDL = 0
29
15mA: PDRIVE = 3 & PDL = 0
14.5
15mA: PDRIVE = 0 & PDL =1
12.9
7.5mA: PDRIVE =1 & PDL =1
6.4
3.8mA: PDRIVE =2 & PDL =1
3.2
1.9mA: PDRIVE =3 & PDL =1
1.6
Maximum operating
distance (1) (4) (5)
PDRIVE = 0 and PDL = 0 (116mA), PPULSE = 64
18
inches
Emitter: λP = 850nm, 20° half angle, and
60mW/sr
Object: 16
× 20-inch, 90% reflective Kodak gray
card (white surface)
Optics: Open view (no glass, no optical
attenuation)
Parameter
Test Conditions
Min
Typ
Max
Unit
TSL2772
VDD
1
mF
22
W
15.0
W
1
34
VDD
GND
LDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com