Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL27725 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TSL27725
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27725 Datasheet(HTML) 3 Page - OSRAM GmbH

  TSL27725 Datasheet HTML 1Page - OSRAM GmbH TSL27725 Datasheet HTML 2Page - OSRAM GmbH TSL27725 Datasheet HTML 3Page - OSRAM GmbH TSL27725 Datasheet HTML 4Page - OSRAM GmbH TSL27725 Datasheet HTML 5Page - OSRAM GmbH TSL27725 Datasheet HTML 6Page - OSRAM GmbH TSL27725 Datasheet HTML 7Page - OSRAM GmbH TSL27725 Datasheet HTML 8Page - OSRAM GmbH TSL27725 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
Page 2
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-30
TSL2772 − General Description
• Ambient light sensing and proximity detection in a single
device
• Ambient Light Sensing (ALS)
• Approximates human eye response
• Programmable analog gain and integration time
• 8000000:1 dynamic range
• Operation to 60000 lux in sunlight
• Very high sensitivity — ideally suited for operation
behind dark glass
•Package UV rejection filter
• Proximity detection
• Programmable analog gain, integration time, and
offset
• Current sink driver for external IR LED
• Saturation indicator
• 16000:1 dynamic range
• Maskable ALS and proximity interrupt
• Programmable upper and lower thresholds with
persistence filter
• Power management
• Low power 2.2μA sleep state with user-selectable
sleep-after-interrupt mode
• 90μA wait state with programmable wait time from
2.7ms to > 8s
• I²C fast mode compatible interface
• Data rates up to 400kbit/s
• Input voltage levels compatible with VDD or 1.8-VBus
• Register set- and pin-compatible with the TSL2x71 series
• Small 2mm
× 2mm Dual Flat No-Lead (FN) Package
Applications
TSL2772, Light-to-Digital Converter with Proximity Sensing is
ideal for:
• Display Backlight Control
• Cell Phone Touch Screen Disable
• Mechanical Switch Replacement
• Industrial Process Control
• Medical Diagnostics
• Printer Paper Alignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com