Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8156ABCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8156ABCZ
Description  6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8156ABCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8156ABCZ Datasheet HTML 4Page - Analog Devices AD8156ABCZ Datasheet HTML 5Page - Analog Devices AD8156ABCZ Datasheet HTML 6Page - Analog Devices AD8156ABCZ Datasheet HTML 7Page - Analog Devices AD8156ABCZ Datasheet HTML 8Page - Analog Devices AD8156ABCZ Datasheet HTML 9Page - Analog Devices AD8156ABCZ Datasheet HTML 10Page - Analog Devices AD8156ABCZ Datasheet HTML 11Page - Analog Devices AD8156ABCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8156
Rev. 0 | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A
B
C
D
E
F
G
7654321
VEE
IN1N
IN1P
VTTI
IN0N
IN0P
VCC
IN2P
VEE
D3
VEE
MODE
VCC
OUT0P
IN2N
D0
D2
RST
WE
CS
OUT0N
VTTI
VEE
D1
VEE
UPD
VCC
VTTO
IN3P
A0
A1
A3
RE
VCC
OUT1P
IN3N
VCC
A2
VEE
VEE
VEE
OUT1N
VCC
OUT3N
OUT3P
VTTO
OUT2N
OUT2P
VEE
Figure 7. Pin Configuration (Bottom View)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VEE
Negative Supply.
A2
IN1N
High Speed Input Complement.
A3
IN1P
High Speed Input.
A4
VTTI
Input Termination Supply.
A5
IN0N
High Speed Input Complement.
A6
IN0P
High Speed Input.
A7
VCC
Positive Supply.
B1
IN2P
High Speed Input.
B2
VEE
Negative Supply.
B3
D3
Input Address Pin (MSB).
B4
VEE
Negative Supply.
B5
MODE
Mode Select Pin.
B6
VCC
Positive Supply.
B7
OUT0P
High Speed Output.
C1
IN2N
High Speed Input Complement.
C2
D0
Input Address Pin (LSB).
C3
D2
Input Address Pin.
C4
RST
Reset/Disable Outputs.
C5
WE
First Bank Write Enable.
C6
CS
Chip Select Enable.
C7
OUT0N
High Speed Output Complement.
D1
VTTI
Input Termination Supply.
D2
VEE
Negative Supply.
D3
D1
Input Address Pin.
D4
VEE
Negative Supply.
Pin No.
Mnemonic
Description
D5
UPD
Second Bank Write Enable.
D6
VCC
Positive Supply.
D7
VTTO
Output Termination Supply.
E1
IN3P
High Speed Input.
E2
A0
Address Pin (LSB).
E3
A1
Address Pin.
E4
A3
Address Pin (MSB).
E5
RE
Second Bank Read Enable.
E6
VCC
Positive Supply.
E7
OUT1P
High Speed Output.
F1
IN3N
High Speed Input Complement.
F2
VCC
Positive Supply.
F3
A2
Address Pin.
F4
VEE
Negative Supply.
F5
VEE
Negative Supply.
F6
VEE
Negative Supply.
F7
OUT1N
High Speed Output Complement.
G1
VCC
Positive Supply.
G2
OUT3N
High Speed Output Complement.
G3
OUT3P
High Speed Output.
G4
VTTO
Output Termination Supply.
G5
OUT2N
High Speed Output Complement.
G6
OUT2P
High Speed Output.
G7
VEE
Negative Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com