Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8156ABCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD8156ABCZ
Description  6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8156ABCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8156ABCZ Datasheet HTML 12Page - Analog Devices AD8156ABCZ Datasheet HTML 13Page - Analog Devices AD8156ABCZ Datasheet HTML 14Page - Analog Devices AD8156ABCZ Datasheet HTML 15Page - Analog Devices AD8156ABCZ Datasheet HTML 16Page - Analog Devices AD8156ABCZ Datasheet HTML 17Page - Analog Devices AD8156ABCZ Datasheet HTML 18Page - Analog Devices AD8156ABCZ Datasheet HTML 19Page - Analog Devices AD8156ABCZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8156
Rev. 0 | Page 18 of 20
Table 12. Broadcast Connectivity Programming, A[3:0] = b1000
Address Pins
Data Pins
A3
A2
A1
A0
D3
D2
D1
D0
Description
1
0
0
0
0
1
0
0
D2 = 1 enables all outputs. D[1:0] = b00 connects IN0 to all outputs.
1
0
0
0
0
1
1
1
D2 = 1 enables all outputs. D[1:0] = b11 connects IN3 to all outputs.
1
0
0
0
0
0
1
0
D2 = 0 disables all outputs. D[1:0] = b10 connects IN2 to all outputs, but all
outputs are disabled.
Table 13. Broadcast Output Level Programming, A[3:0] = b1001
Address Pins
Data Pins
A3
A2
A1
A0
D3
D2
D1
D0
Description (Output Current = 2 mA + (2 mA × D[3:0])
1
0
0
1
0
1
0
0
D[3:0] = b0100 sets current of all outputs to 2 mA + (2 mA × 4) = 10 mA.
1
0
0
1
1
1
0
1
D[3:0] = b1101 sets current of all outputs to 2 mA + (2 mA × 13) = 28 mA.
1
0
0
1
0
0
0
0
D[3:0] = b0000 sets current of all outputs to 2 mA + (2 mA × 0) = 2 mA.
Table 14. Broadcast Equalization (EQ) Programming, A[3:0] = b1011
Address Pins
Data Pins
A3
A2
A1
A0
D3
D2
D1
D0
Description (Gain(f) = D[3:0]⁄15 × 40 log10(f⁄0.83 GHz)), assume f = 2.25 GHz
1
0
1
1
0
1
0
0
D[3:0] = b0100 sets all input EQ = (4/15 × 40 log10(2.25 GHz/0.83 GHz)) = 4.6 dB.
1
0
1
1
1
1
0
1
D[3:0] = b1101 sets all input EQ = (13/15 × 40 log10(2.25 GHz/0.83 GHz)) =14.95 dB.
1
0
1
1
0
0
0
0
D[3:0] = b0000 sets all input EQ = (0/15 × 40 log10(2.25 GHz/0.83 GHz)) = 0 dB.
Table 15. Individual Input EQ Programming, A[3:2] = b11
Address Pins
Data Pins
A3
A2
A1
A0
D3
D2
D1
D0
Description (Gain(f) = D[3:0]⁄15 × 40log10(f⁄0.83 GHz)), assume f = 2.25 GHz
1
1
0
0
0
1
0
0
A[1:0] = b00 selects IN0.
D[3:0] = b0100 sets EQ = (4/15 × 40 log10(2.25 GHz/0.83 GHz)) = 4.6 dB.
1
1
0
1
1
1
0
1
A[1:0] = b01 selects IN1.
D[3:0] = b1101 sets EQ = (13/15 × 40 log10(2.25 GHz/0.83 GHz)) = 14.95 dB.
1
1
1
0
1
1
1
1
A[1:0] = b10 selects IN2.
D[3:0] = b1111 sets EQ = (15/15 × 40 log10(2.25 GHz/0.83 GHz)) = 17.25 dB.
1
1
1
1
0
0
0
0
A[1:0] = b11 selects IN3.
D[3:0] = b0000 sets EQ = (0/15 × 40 log10(2.25 GHz/0.83 GHz)) = 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com