Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5752R Datasheet(PDF) 9 Page - Analog Devices

Part # AD5752R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5752R Datasheet HTML 5Page - Analog Devices AD5752R Datasheet HTML 6Page - Analog Devices AD5752R Datasheet HTML 7Page - Analog Devices AD5752R Datasheet HTML 8Page - Analog Devices AD5752R Datasheet HTML 9Page - Analog Devices AD5752R Datasheet HTML 10Page - Analog Devices AD5752R Datasheet HTML 11Page - Analog Devices AD5752R Datasheet HTML 12Page - Analog Devices AD5752R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5726
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
500
1000
1500
2000
2500
3000
3500
4000
DAC (Code)
+85°C
+25°C
–40°C
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
Figure 6. INL Error vs. DAC Code, VSUPPLY = ±15 V, VREFP/VREFN = ±10 V
0.20
–0.20
0
500
1000
1500
2000
2500
3000
3500
4000
DAC (Code)
+85°C
+25°C
–40°C
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
Figure 7. DNL Error vs. DAC Code, VSUPPLY = ±15 V, VREFP/VREFN = ±10 V
1.0
–1.0
612
VREFP (V)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
7
8
9
10
11
AVDD = +15V
AVSS = –15V
VREFN = –10V
TA = 25°C
Figure 8. DNL Error vs. VREFP, VSUPPLY = ±15 V, VREFN = −10 V
0.05
–0.25
1.0
3.0
VREFP (V)
0
–0.05
–0.10
–0.15
–0.20
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
AVDD = 5V
AVSS = 0V
VREFN = 0V
TA = 25°C
Figure 9. DNL Error vs. VREFP, VSUPPLY = +5 V, VREFN = 0 V
1.0
–1.0
61
VREFP (V)
2
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
7
8
9
10
11
AVDD = +15V
AVSS = –15V
VREFN = –10V
TA = 25°C
Figure 10. INL Error vs. VREFP, VSUPPLY = ±15 V, VREFN = −10 V
0.5
–0.4
1.0
3.0
VREFP (V)
AVDD = 5V
AVSS = 0V
VREFN = 0V
TA = 25°C
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
1.21.4
1.61.82.02.2
2.42.62.8
Figure 11. INL Error vs. VREFP, VSUPPLY = +5 V, VREFN = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com