Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5752R Datasheet(PDF) 16 Page - Analog Devices

Part # AD5752R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5752R Datasheet HTML 12Page - Analog Devices AD5752R Datasheet HTML 13Page - Analog Devices AD5752R Datasheet HTML 14Page - Analog Devices AD5752R Datasheet HTML 15Page - Analog Devices AD5752R Datasheet HTML 16Page - Analog Devices AD5752R Datasheet HTML 17Page - Analog Devices AD5752R Datasheet HTML 18Page - Analog Devices AD5752R Datasheet HTML 19Page - Analog Devices AD5752R Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5726
Rev. 0 | Page 16 of 20
Single +5 V Supply Operation
For operation with a 5 V supply, the reference voltage should be
set between 1.0 V and 2.5 V for optimum linearity. Figure 26
shows an AD780 used to supply a 2.5 V reference voltage. The
headroom of the reference and DAC are both sufficient to support
a 5 V supply with ±5 V tolerance. AVDD and VL should be
connected to the same supply. Separate bypassing to each pin
should be used.
5V
10µF
0.01µF
INPUT
OUTPUT
GND
TRIM
0.2µF
AD780
AD5726
AVDD
AVSS
VREFP
VREFN
0V TO 2.5V OPERATION
SINGLE 5V SUPPLY
10kΩ
0.1µF║10µF
Figure 26. 5 V Single-Supply Operation
POWER SUPPLY BYPASSING AND GROUNDING
In any circuit where accuracy is important, careful consideration
to the power supply and ground return layout helps to ensure
the rated performance. The AD5726 has a single ground pin
that is internally connected to the digital section as the logic
reference level. The user’s first instinct may be to connect this
pin to the digital ground; however, in large systems, the digital
ground is often noisy because of the switching currents of other
digital circuitry. Any noise introduced at the ground pin could
couple into the analog output. Thus, to avoid error-causing
digital noise in the sensitive analog circuitry, the ground pin
should be connected to the system analog ground.
The ground path (circuit board trace) should be as wide as
possible to reduce any effects of parasitic inductance and ohmic
drops. A ground plane is recommended if possible. The noise
immunity of the on-board digital circuitry, typically in the
hundreds of millivolts, is well able to reject the common-mode
noise typically seen between system analog and digital grounds.
Finally, the analog and digital ground should be connected to
each other at a single point in the system to provide a common
reference. This is preferably done at the power supply
Good grounding practice is essential to maintain analog perform-
ance in the surrounding analog support circuitry as well. With
two reference inputs and four analog outputs capable of moderate
bandwidth and output current, there is a significant potential
for ground loops. Again, a ground plane is recommended as
the most effective solution to minimize errors due to noise and
ground offsets.
The AD5726 should have ample supply bypassing located as
close to the package as possible. Recommended capacitor values
are 10 μF in parallel with 0.1 μF. The 0.1 μF capacitor should
have low effective series resistance (ESR) and effective series
inductance (ESI), such as the common ceramic types, which
provide a low impedance path to ground at high frequencies to
handle transient currents due to internal logic switching.
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from any
hazardous common-mode voltages that may occur. Isocouplers
provide voltage isolation in excess of 2.5 kV. The serial loading
structure of the AD5726 makes it ideal for isolated interfaces
because the number of interface lines is kept to a minimum.
Figure 27 shows a 4-channel isolated interface connected to the
AD5726 using an ADuM1400.
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VIA
VIB
VIC
VID
VOA
VOB
VOC
VOD
TO SCLK
TO SDIN
TO CS
TO LDAC
ADuM1400*
SERIAL CLOCK OUT
SERIAL DATA OUT
SYNC OUT
CONTROL OUT
MICROCONTROLLER
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 27. Isolated Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com