Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT600 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 43Page - NXP Semiconductors RT600 Datasheet HTML 44Page - NXP Semiconductors RT600 Datasheet HTML 45Page - NXP Semiconductors RT600 Datasheet HTML 46Page - NXP Semiconductors RT600 Datasheet HTML 47Page - NXP Semiconductors RT600 Datasheet HTML 48Page - NXP Semiconductors RT600 Datasheet HTML 49Page - NXP Semiconductors RT600 Datasheet HTML 50Page - NXP Semiconductors RT600 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
47 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
VDDIO_1
E9;
J8;
L2
E6; E8;
E10;
H13;
H14;
K13;
L14
F10;
F11;
F6; F7;
F9; J5;
J6
[3]
- -
- Single 1.8 V to 3.3 V power supply for GPIOs defined as
belonging to the VDDIO_1 group. VDDIO_0, VDDIO_1, and
VDDIO_2 may be supplied at different voltage levels as
needed by the application.
VDDIO_1 supplies the following port pins: PIO0_14 to
PIO0_31; PIO1_0 to PIO1_10; PIO2_24 to PIO2_31;
PMIC_I2C_SCL and PMIC_I2C_SDA. See Table 5
VDDIO_2
-
N12;
P11;
P12
M7; M8 [3]
- -
- Single 1.8 V to 3.3 V power supply for GPIOs defined as
belonging to the VDDIO_2 group. VDDIO_0, VDDIO_1, and
VDDIO_2 may be supplied at different voltage levels as
needed by the application. VDDIO_2 supplies the following
port pins: PIO1_30 to PIO1_31 and PIO2_0 to PIO2_11. See
Table 5
VDD1V8
A9;
K2;
L10;
D5;
G8;
H10;
H11;
J10
B11;
C16;
C17;
E15;
F13;
G14;
L4;
R15
E8;
J14;
H6;G6;
H7; J7;
M6
[3]
- -
- 1.8 V supply voltage for on-chip analog functions other than
the ADC and comparator.
VDDA_ADC1V8 [5]
E4
H13
[3]
- -
- 1.8 V analog supply voltage for ADC and comparator.
VDDA_BIAS
[5]
C4
E12
[3]
- -
- Bias for ADC and comparator. VDD_BIAS must be equal to
max ADC input voltage or max comparator input voltage.
VDDCORE
A10;
C1;
E8;
F1;
F6;
F7;
G2;
G7;
G10;
G11
C5; D9;
F14;
J4;
J14;
P9; R5;
R14
G9;
H10;
H8; H9;
J10;
J11;J8;
J9;
K10;
K8; K9;
L9
[3]
- -
- Power supply for core logic. May be supplied from the internal
LDO or externally by an off-chip power management IC
(PMIC). An external filter capacitor is always required on
these pins, see Section 13.2 “Power Sequencing”
VREFN
[5]
C2
G12
- -
- ADC negative reference voltage.
VREFP
[5]
D2
F12
[3]
- -
- ADC positive reference voltage.
VDD1V8_1
G9
A13
F8
[3]
- -
- 1.8 V supply voltage for OTP during active mode. In
deep-sleep mode, this pin can be powered off to conserve
additional current (~ 65 uA). VDD1V8_1 must be stable
before performing any OTP related functions.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com