Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT600 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 64Page - NXP Semiconductors RT600 Datasheet HTML 65Page - NXP Semiconductors RT600 Datasheet HTML 66Page - NXP Semiconductors RT600 Datasheet HTML 67Page - NXP Semiconductors RT600 Datasheet HTML 68Page - NXP Semiconductors RT600 Datasheet HTML 69Page - NXP Semiconductors RT600 Datasheet HTML 70Page - NXP Semiconductors RT600 Datasheet HTML 71Page - NXP Semiconductors RT600 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
68 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.13.4 Clock Generation
Fig 6. RT600 clock generation
191212
Primary clock sources (oscillators):
System clocking (PLLs, CPU clocks, etc.):
(1)
11
01
10
00
11
01
10
00
16m_irc
Main clock select B
MAINCLKSELB[1:0]
(1)
main_pll_clk
32k_clk
clk_in
Main clock select A
MAINCLKSELA[1:0]
48/60m_irc_div4
1m_lposc
48/60m_irc
main_clk
16 MHz
oscillator
16m_irc
PDRUNCFG0[15],
PDSLEEPCFG0[15]
xtalout
Enable & bypass
SYSOSCCTL0[1:0]
xtalin
Main crystal
oscillator
clk_in
0
1
clkin (selected by IOCON)
SYSOSCBYPASS[2:0]
rtcxout
Enable
OSC32KHZCTL0[0]
rtcxin
RTC crystal
oscillator
32k_clk
MCLK Clock Select
AUDIOMCLKSEL[2:0]
AUDIOMCLKDIV
MCLK
Divider
to MCLK pin
(output)
audio_pll_clk
48/60m_irc
"none"
001
111
000
48/60 MHz
oscillator
Divide by 2
Divide by 2
48/60m_irc
48/60m_irc_div2
48/60m_irc_div4
PDRUNCFG0[16],
PDSLEEPCFG0[16]
Audio PLL
Divider
clk_in
Audio PLL clock select
AUDIOPLL0CLKSEL[2:0]
16m_irc
48/60m_irc_div2
audio_pll_clk
Audio PLL settings
AUDIOPLL0xx
PFD0
PFD1
PFD2
PFD3
Audio
PLL
PFD0
111
001
010
000
"none"
AUDIOPLLCLKDIV
(1) : synchronized multiplexer,
see register descriptions
for details.
1m_lposc
divide by 32
WAKECLK32KHZSEL[2:0]
lp_32k
"none"
32k_clk
32k_wake_clk
to SDIO 32k, USB 32k,
ACMP sclk & rclk
1 MHz low
power osc.
001
111
000
PDRUNCFG0[14],
PDSLEEPCFG0[14]
clk_in
Sys PLL clock select
SYSPLL0CLKSEL[2:0]
16m_irc
48/60m_irc_div2
Main
PLL
PFD0
PFD1
PFD2
PFD3
Main PLL settings
SYSPLL0xx
111
001
010
000
"none"
MAINPLLCLKDIV
DSPPLLCLKDIV
AUX1PLLCLKDIV
Main PLL
Clock Divider
DSP PLL
Clock Divider
AUX1 PLL
Clock Divider
AUX0PLLCLKDIV
AUX0 PLL
Clock Divider
main_pll_clk
dsp_pll_clk
aux1_pll_clk
aux0_pll_clk
11
01
10
00
11
01
10
00
DSP clock select B
DSPCPUCLKSELB[1:0]
DSP clock select A
DSPCPUCLKSELA[1:0]
DSP Clock
Divider
main_pll_clk
(1)
dsp_pll_clk
32k_clk
clk_in
(1)
1m_lposc
16m_irc
48/60m_irc
DSPCPUCLKDIV
dsp_main_clk (to
CLKOUT 0 select)
to DSP CPU
DSP RAM
Clock Divider
DSPMAINRAMCLKDIV
to DSP RAM
interface
011
001
010
000
111
SYSCPUAHBCLKDIV
CPU Clock
Divider
to CPU, AHB, APB, etc.
hclk
SYSTICKFCLKSEL[2:0]
1m_lposc
32k_clk
16m_irc
ARM Trace
Clock Divider
to ARM Trace function clock
PFC0DIV
Systick Clock
Divider
SYSTICKFCLKDIV
to Systick
function clock
"none"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com