Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8323 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F8323
Description  16-bit Digital Signal Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8323 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F8323 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
Signal Pins
56F8323 Technical Data, Rev. 17
Freescale Semiconductor
21
Preliminary
TMS
54
Schmitt
Input
Input,
pulled high
internally
Test Mode Select Input — This input pin is used to sequence the
JTAG TAP controller’s state machine. It is sampled on the rising
edge of TCK and has an on-chip pull-up resistor.
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
TDI
55
Schmitt
Input
Input,
pulled high
internally
Test Data Input — This input pin provides a serial input data stream
to the JTAG/EOnCE port. It is sampled on the rising edge of TCK and
has an on-chip pull-up resistor.
TDO
56
Output
In reset,
output is
disabled,
pull-up is
enabled
Test Data Output — This tri-stateable output pin provides a serial
output data stream from the JTAG/EOnCE port. It is driven in the
shift-IR and shift-DR controller states, and changes on the falling
edge of TCK.
TRST
58
Schmitt
Input
Input,
pulled high
internally
Test Reset — As an input, a low signal on this pin provides a reset
signal to the JTAG TAP controller. To ensure complete hardware
reset, TRST should be asserted whenever RESET is asserted. The
only exception occurs in a debugging environment when a hardware
device reset is required and the EOnCE/JTAG module must not be
reset. In this case, assert RESET, but do not assert TRST.
To deactivate the internal pull-up resistor, set the JTAG bit in the
SIM_PUDR register.
Note:
For normal operation, connect TRST directly to VSS. If the design
is to be used in a debugging environment, TRST may be tied to VSS through
a 1K resistor.
PHASEA0
(TA0)
(GPIOB7)
(oscillator_
clock)
52
Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input/
Output
Output
Input,
pull-up
enabled
Phase A — Quadrature Decoder 0, PHASEA input
TA0 — Timer A, Channel 0
Port B GPIO — This GPIO pin can be individually programmed as
an input or output pin.
Clock Output - can be used to monitor the internal oscillator clock
signal (see Part 6.5.7 CLKO Select Register, SIM_CLKOSR).
In the 56F8323, the default state after reset is PHASEA0.
In the 56F8123, the default state is not one of the functions offered
and must be reconfigured.
Table 2-2 Signal and Package Information for the 64-Pin LQFP
Signal Name
Pin No.
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com