Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8323 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 56F8323
Description  16-bit Digital Signal Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8323 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56F8323 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
56F8323 Technical Data, Rev. 17
8
Freescale Semiconductor
Preliminary
1.1.3
Memory
Note: Features in italics are NOT available in the 56F8123 device.
•
Harvard architecture permits as many as three simultaneous accesses to program and data memory
•
Flash security protection
•
On-chip memory, including a low-cost, high-volume Flash solution
— 32KB of Program Flash
— 4KB of Program RAM
— 8KB of Data Flash
—8KB of Data RAM
— 8KB of Boot Flash
•
EEPROM emulation capability
1.1.4
Peripheral Circuits
Note: Features in italics are NOT available in the 56F8123 device.
•
One Pulse Width Modulator module with six PWM outputs, three Current Sense inputs and three Fault
inputs; fault-tolerant design with dead time insertion; supports both center-aligned and edge-aligned modes
•
Two 12-bit, Analog-to-Digital Converters (ADCs), which support two simultaneous conversions with dual,
4-pin multiplexed inputs; ADC and PWM modules can be synchronized through Timer C, channel 2
•
Temperature Sensor can be connected, on the board, to any of the ADC inputs to monitor the on-chip
temperature
•
Two 16-bit Quad Timer modules (TMR) totaling seven pins:
— In the 56F8323, Timer A works in conjunction with Quad Decoder 0 and Timer C works in conjunction
with the PWMA and ADCA
— In the 56F8123, Timer C works in conjunction with ADCA
•
One Quadature Decoder which works in conjunction with Quad Timer A
•
FlexCAN (CAN Version 2.0 B-compliant) module with 2-pin port for transmit and receive
•
Up to two Serial Communication Interfaces (SCIs)
•
Up to two Serial Peripheral Interfaces (SPIs)
•
Computer Operating Properly (COP)/Watchdog timer
•
One dedicated external interrupt pin
•
27 General Purpose I/O (GPIO) pins
•
Integrated Power-On Reset and Low-Voltage Interrupt Module
•
JTAG/Enhanced On-Chip Emulation (OnCE™) for unobtrusive, processor speed-independent, real-time
debugging
•
Software-programmable, Phase Lock Loop (PLL)
•
On-chip relaxation oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com