Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACA1-AC1-R Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # DMR35-ACA1-AC1-R
Description  AC Ammeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACA1-AC1-R Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  DMR35-ACA1-AC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DMR35-ACA.A01.D0
5 Page 4 of 11
DMR35-ACA/mA Series
AC Ammeter
www.murata-ps.com
NOMINAL OUTLINE DIMENSIONS
Panel Drill Template
Panel Mounting Details
ITEM
NO.
DESCRIPTION
QTY.
NOTES
1
DMR35 panel meter
1
Shown for reference
2
Gasket
1
Included with DMR35 panel
meter
3
Provided screws are
compatible with panel
Thickness:
1/16” – ¼”
REF
Panel shown for reference
4
4-20 x ½” thread forming
screw
4
Torque: 9 IN-LB (1 N-m)
Included with DMR35 panel
meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com