Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACA1-AC1-R Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DMR35-ACA1-AC1-R
Description  AC Ammeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACA1-AC1-R Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DMR35-ACA1-AC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACA1-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DMR35-ACA.A01.D0
5 Page 1 of 11
DMR35-ACA/mA Series
AC Ammeter
www.murata-ps.com
FEATURES
Full-scale measurement of AC Current
Highly visible 3-1/2 digit LED display with adjustable intensity
Responsive bar-graph display provides indication of rapidly
changing inputs, emulating analog movement meters
Measurement accuracy within 1% of reading + 4 counts
Selectable
True RMS or Average Reading modes
Precision internal shunt resistor
Switch configurable settings simplify adaptation for use in a
wide range of applications
Low burden voltage (<100mV)
Rugged Polycarbonate Housing
Mechanical drop-in replacement for common analog-movement meters
Operates from an external 100-264 VAC power supply source
Low power consumption, typically 15 mA at 120 VAC
Two-year warranty
PRODUCT OVERVIEW
DMR35-ACA/mA series panel meters measure AC current, from 100mA to 10A, displayed in up to 3-1/2 digits of resolution and features a 21-
segment bar-graph for tracking rapidly changing inputs. Internal precision shunt resistors simplify setup and provide increased accuracy compared
with solutions relying on external shunt resistors. Basic safety isolation between the measurement and power inputs is provided.
Rear-accessible DIP switches are provided to set
Measurement Mode, Input Range and Display Brightness.
This meter is capable of displaying
True RMS Mode, for compatibility with modern digital multimeters as well as Average Reading Mode, for
compatibility with legacy analog meters
APPLICATIONS
These meters are packaged in a rugged polycarbonate housing and designed for drop-in replacement of most 2-1/2” form-factor analog-
movement meters.
Ideal for use in laboratory instrumentation, factory automation, and other applications requiring precise full-scale AC voltage monitoring.
For full details go to
www.murata-ps.com/rohs
File: E156931 Vol. D1


Similar Part No. - DMR35-ACA1-AC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR35-ACV MURATA-PS-DMR35-ACV Datasheet
2Mb / 11P
AC Voltmeter
2022
DMR35-ACV1-AC1-R MURATA-PS-DMR35-ACV1-AC1-R Datasheet
2Mb / 11P
AC Voltmeter
2022
DMR35-ACV2-AC1-R MURATA-PS-DMR35-ACV2-AC1-R Datasheet
2Mb / 11P
AC Voltmeter
2022
More results

Similar Description - DMR35-ACA1-AC1-R

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
RQ48E-AAC-10A NHP-RQ48E-AAC-10A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-10/50A AC
11 October 2022,
RQ48E-AAC-20A NHP-RQ48E-AAC-20A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-20/100A AC
4 April 2023,
RQ48E-AAC-40A NHP-RQ48E-AAC-40A Datasheet
888Kb / 3P
AMMETER DIRECT CONNECT 0-40/200A AC
11 October 2022,
RQ72EAAC10A NHP-RQ72EAAC10A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-10/50A AC
11 October 2022,
RQ72EAAC15A NHP-RQ72EAAC15A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-15/75A AC
11 October 2022,
RQ72EAAC30A NHP-RQ72EAAC30A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-30/150A AC
11 October 2022,
RQ72EAAC40A NHP-RQ72EAAC40A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-40/200A AC
11 October 2022,
RQ72EAAC50A NHP-RQ72EAAC50A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-50/250A AC
11 October 2022,
RQ96EAAC10A NHP-RQ96EAAC10A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-10/50A AC
11 October 2022,
RQ96EAAC30A NHP-RQ96EAAC30A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-30/150A AC
11 October 2022,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com