Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACV1-AC1-R Datasheet (PDF) - Murata Power Solutions Inc.

DMR35-ACV1-AC1-R Datasheet PDF - Murata Power Solutions Inc.
Part # DMR35-ACV1-AC1-R
Download  DMR35-ACV1-AC1-R Download
File Size   2692.67 Kbytes
Page   11 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description AC Voltmeter

DMR35-ACV1-AC1-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DMR35-ACV1-AC1-R Datasheet PDF - Murata Power Solutions Inc.

Part # DMR35-ACV1-AC1-R
Download  DMR35-ACV1-AC1-R Click to download

File Size   2692.67 Kbytes
Page   11 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description AC Voltmeter

DMR35-ACV1-AC1-R Datasheet (HTML) - Murata Power Solutions Inc.


DMR35-ACV1-AC1-R Product details

Full-scale measurement of AC voltage
Highly visible 3-1/2 digit LED display with adjustable intensity
Responsive bar-graph display provides indication of rapidly changing inputs, emulating analog movement meters
Measurement accuracy within 1% of reading + 4 counts
Selectable True RMS or Average Reading modes
Switch configurable settings simplify adaptation for use in a wide range of applications
Rugged Polycarbonate housing
Mechanical drop-in replacement for common analog-movement meters
Operates from an external 100-264 VAC power supply
Low power consumption, typically 15 mA at 120 VAC
Two-year warranty




Similar Part No. - DMR35-ACV1-AC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR35-ACA/MA MURATA-PS-DMR35-ACA/MA Datasheet
1Mb / 11P
AC Ammeter
2023
DMR35-ACA1-AC1-R MURATA-PS-DMR35-ACA1-AC1-R Datasheet
1Mb / 11P
AC Ammeter
2023
DMR35-ACA2-AC1-R MURATA-PS-DMR35-ACA2-AC1-R Datasheet
1Mb / 11P
AC Ammeter
2023
DMR35-ACMA1-AC1-R MURATA-PS-DMR35-ACMA1-AC1-R Datasheet
1Mb / 11P
AC Ammeter
2023
More results


Similar Description - DMR35-ACV1-AC1-R

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MV15 SELEC-MV15 Datasheet
454Kb / 2P
Digital Voltmeter
MV2307 SELEC-MV2307 Datasheet
407Kb / 1P
Digital Voltmeter
logo
Carlo Gavazzi Holding A...
DI3DINAV1 CARLOGAVAZZI-DI3DINAV1 Datasheet
64Kb / 2P
Panel Meters and Controllers AC Ammeter or Voltmeter
DI372AV1 CARLOGAVAZZI-DI372AV1 Datasheet
62Kb / 3P
Panel Meters and Controllers AC Ammeter or Voltmeter
logo
NHP Electrical Engineer...
RQ48E-VAC-300V NHP-RQ48E-VAC-300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
RQ48E-VAC-500V NHP-RQ48E-VAC-500V Datasheet
996Kb / 3P
VOLTMETER 500V AC
11 October 2022,
RQ72EVAC300V NHP-RQ72EVAC300V Datasheet
996Kb / 3P
VOLTMETER DIRECT CONNECT 300V AC
11 October 2022,
RQ72EVAC500V NHP-RQ72EVAC500V Datasheet
996Kb / 3P
VOLTMETER DIRECT CONNECT 500V AC
24 June 2023,
RQ96EVAC300V NHP-RQ96EVAC300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
RQ96EVAC500V NHP-RQ96EVAC500V Datasheet
996Kb / 3P
VOLTMETER 500V AC
11 October 2022,
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com