Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACA2-AC1-R Datasheet (PDF) - Murata Power Solutions Inc.

DMR35-ACA2-AC1-R Datasheet PDF - Murata Power Solutions Inc.
Part # DMR35-ACA2-AC1-R
Download  DMR35-ACA2-AC1-R Download
File Size   2046.94 Kbytes
Page   11 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description AC Ammeter

DMR35-ACA2-AC1-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DMR35-ACA2-AC1-R Datasheet PDF - Murata Power Solutions Inc.

Part # DMR35-ACA2-AC1-R
Download  DMR35-ACA2-AC1-R Click to download

File Size   2046.94 Kbytes
Page   11 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description AC Ammeter

DMR35-ACA2-AC1-R Datasheet (HTML) - Murata Power Solutions Inc.


DMR35-ACA2-AC1-R Product details

Full-scale measurement of AC Current
Highly visible 3-1/2 digit LED display with adjustable intensity
Responsive bar-graph display provides indication of rapidlychanging inputs, emulating analog movement meters
Measurement accuracy within 1% of reading + 4 counts
Selectable True RMS or Average Reading modes
Precision internal shunt resistor
Switch configurable settings simplify adaptation for use in awide range of applications
Low burden voltage (<100mV)
Rugged Polycarbonate Housing
Mechanical drop-in replacement for common analog-movement meters
Operates from an external 100-264 VAC power supply source
Low power consumption, typically 15 mA at 120 VAC
Two-year warranty




Similar Part No. - DMR35-ACA2-AC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR35-ACV MURATA-PS-DMR35-ACV Datasheet
2Mb / 11P
AC Voltmeter
2022
DMR35-ACV1-AC1-R MURATA-PS-DMR35-ACV1-AC1-R Datasheet
2Mb / 11P
AC Voltmeter
2022
DMR35-ACV2-AC1-R MURATA-PS-DMR35-ACV2-AC1-R Datasheet
2Mb / 11P
AC Voltmeter
2022
More results


Similar Description - DMR35-ACA2-AC1-R

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
RQ48E-AAC-10A NHP-RQ48E-AAC-10A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-10/50A AC
11 October 2022,
RQ48E-AAC-20A NHP-RQ48E-AAC-20A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-20/100A AC
4 April 2023,
RQ48E-AAC-40A NHP-RQ48E-AAC-40A Datasheet
888Kb / 3P
AMMETER DIRECT CONNECT 0-40/200A AC
11 October 2022,
RQ72EAAC10A NHP-RQ72EAAC10A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-10/50A AC
11 October 2022,
RQ72EAAC15A NHP-RQ72EAAC15A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-15/75A AC
11 October 2022,
RQ72EAAC30A NHP-RQ72EAAC30A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-30/150A AC
11 October 2022,
RQ72EAAC40A NHP-RQ72EAAC40A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-40/200A AC
11 October 2022,
RQ72EAAC50A NHP-RQ72EAAC50A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-50/250A AC
11 October 2022,
RQ96EAAC10A NHP-RQ96EAAC10A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-10/50A AC
11 October 2022,
RQ96EAAC30A NHP-RQ96EAAC30A Datasheet
889Kb / 3P
AMMETER DIRECT CONNECT 0-30/150A AC
11 October 2022,
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com