Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACA2-AC1-R Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMR35-ACA2-AC1-R
Description  AC Ammeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACA2-AC1-R Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMR35-ACA2-AC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DMR35-ACA.A01.D0
5 Page 3 of 11
DMR35-ACA/mA Series
AC Ammeter
www.murata-ps.com
SPECIFICATIONS:
Measurement Performance
Min
Typ.
Max
Units
Measurement Ranges
DMR35-ACA1
0-1, 0-1.5, 0-2, 0-3
A
DMR35-ACA2
0-5, 0-7.5, 0-10
A
DMR35-ACMA
0-100, 0-200, 0-250, 0-500
mA
Accuracy (25°C, 60 Hz sinusoidal input)
1% of reading +4 counts
Temperature Stability (full-scale measurement)
0.02
% /°C
Measurement Modes
Mean (Average) and True RMS, DIP Switch selectable
Measurement Frequency Range1
20
120
Hz
Input Signal Crest Factor
1
3
Burden voltage at highest range, full-scale input current2
DMR35-ACA1 (3 A)
70
mV
DMR35-ACA2 (10 A)
90
mV
DMR35-ACMA1 (500mA)
50
mV
Isolation/Hipot (power input terminals to
measurement input terminals)3
2150
VDC
1 Frequency range over which measurement is stable to within
±1% with sinusoidal input
2 Burden Voltage’ is the voltage drop across the meter when measuring a current. Burden voltage is specified for a given input current – In this case the maximum rated current at the
highest measurement range
3100% Tested in production, applied for 2 seconds
Power Supply Characteristics
Min
Typ.
Max
Units
Power Supply Voltage
100
264
VAC
Power Supply Frequency
47
63
Hz
Power Supply Current
…at 120 VAC
15
mA
…at 240 VAC
10
mA
Display & User Interface
Display Type & Size
3-1/2 digit 7-segment, 11.4mm (0.45 in.) high
21 segment curved bar-graph
Display Color
Red (625nm)
Decimal Point Selection
Automatic
Out-of-range Indication
Flashing display
Measurement Range Selection
Dipswitch selectable (4 ranges)
Measurement Mode Selection
Dipswitch selectable (Mean Reading (Average) or True RMS)
Display Intensity Control
Dipswitch selectable (4 ranges)
Terminal Blocks
Wire Size
14-24 AWG
Insulation Strip Length
6mm (0.24 in.)
Screw Tightening Torque
0.4 N-m (3.5 lb.-in)
Operating Temperature1
0
50
°C
Storage Temperature
-40
70
°C
Humidity (non-condensing)
0
85
%RH
Sealing (front face, when installed with included
gasket)
Splash and dust resistant
Mounting screws (4 included)
#4-20 0.5” thread forming
Screw Tightening Torque
9 in-lb (1 N-m)
Panel thickness when used with included
mounting screws
0.062 in. (1.6mm)
0.25 in. (6.3mm)
Weight
2.5 (71)
oz. (g)
1 Maximum operating temperature applies to both front face and rear of housing. Unit must not be installed so that the rear of housing is exposed to more than the maximum operating
temperature when powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com