Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACA2-AC1-R Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # DMR35-ACA2-AC1-R
Description  AC Ammeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACA2-AC1-R Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  DMR35-ACA2-AC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DMR35-ACA.A01.D0
5 Page 5 of 11
DMR35-ACA/mA Series
AC Ammeter
www.murata-ps.com
OPERATION, MEASUREMENT TYPE, CAPABILITIES
DMR35 series employ precision, low power electronics to provide high performance measurement of full-scale measure of AC current. The following
illustrations describe the features and operation to simplify deployment in a wide variety of systems.
FRONT PANEL LAYOUT AND FUNCTION
Bar-graph Display: The 21-segment bar-graph display responds quickly and smoothly like an
analog meter movement to aid in reading rapidly changing measurements.
Numeric Display: The 3-1/2 digit display provides precise numerical measurements for
steady-state and slowly changing measurement values.
REAR PANEL LAYOUT AND FUNCTION
Terminal
Position No.
Name
Function
1
PWRA
Power supply input terminals (100-264 VAC,
50/60Hz)
2
PWRB
3
INA
Current measurement input terminals
4
INB
DIP Switch Settings: Comprised of five individual switches for configuration as
follows:
configure display intensity (SW1-SW2), measurement mode (SW3), and
measurement range (SW4-SW5)
Notes:
1) Ensure all screw-terminals are tightened in accordance with the torque
specifications for reliable operation.
2) Stranded wire is recommended for high-vibration applications.
3) Basic safety isolation is provided between the meter’s measurement and
input power electronics, no connection from the measurement-point and AC
input power is required
4) External fusing for input power and or measurement source may be required.
It is incumbent upon the end-user to ensure all local electrical safety
regulations and external fusing requirements are followed where-ever this
meter is deployed
CONNECTION EXAMPLE
In this applcaition, the DMR-ACAx is configured for simple current measurement where a common power and load connection point is shared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com