Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACA2-AC1-R Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # DMR35-ACA2-AC1-R
Description  AC Ammeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACA2-AC1-R Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button DMR35-ACA2-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 10Page - Murata Power Solutions Inc. DMR35-ACA2-AC1-R Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DMR35-ACA.A01.D0
5 Page 8 of 11
DMR35-ACA/mA Series
AC Ammeter
www.murata-ps.com
(CONTINUED):
RMS MEASUREMENT MODE VS. AVERAGE MEASUREMENT MODE
In the case of a sinusoidal waveform, the figure below shows the relevant quantities.
Peak = 1.000
RMS ≈ 0.707
0
‘Average’ ≈ 0.637
The table below lists the crest factor, RMS and average values for various familiar waveforms. It illustrates the extent RMS-adjusted average
measurement can vary significantly in relation to the RMS measurement for signals with non-sinusoidal waveforms.
Waveform
Crest
Factor
RMS Value
‘Average’
Value
Average
Value with
RMS
adjustment
% Deviation
from RMS
Sinusoid
0
1
1.414
0.707
0.637
0.707
0%
Square wave
0
1
1.000
1.000
1.000
1.111
+11%
Triangle
0
1
1.732
0.577
0.500
0.555
-4%
Phase-controlled
Sinusoid –
leading 50%
0
1
2.000
0.500
0.318
0.354
-29%
While an ideal measuring instrument would be able to handle any input waveform, realizable meters have restrictions on the maximum allowable
crest factor for accurate measurements. DMR35 AC meters are designed to handle signals with crest factors up to 3 with minimal additional
measurement errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com