Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACV1-AC1-R Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # DMR35-ACV1-AC1-R
Description  AC Voltmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACV1-AC1-R Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  DMR35-ACV1-AC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DMR35-ACV Series
AC Voltmeter
DMR35-ACV.A01.D04 Page 5 of 11
www.murata-ps.com
OPERATION, MEASUREMENT TYPE, CAPABILITIES
The DMR35 series meters employ precision, low power electronics to provide high performance full-scale measure of AC voltage. The following
illustrations describe the features and operation to simplify deployment in a wide variety of systems.
FRONT PANEL & FRONT PANEL LAYOUT AND FUNCTION
Bar-graph Display: The 21-segment bar-graph display responds quickly and smoothly like an
analog meter movement to aid in reading rapidly changing measurements.
Numeric Display: The 3-1/2 digit display provides precise measurements for steady-state and
slowly changing measurement values.
REAR PANEL LAYOUT AND SCREW TERMINAL CONNECTIONS
Terminal
Position No.
Name
Function
1
PWRA
Power supply input terminals (100-264 VAC, 50/60Hz)
2
PWRB
3
INA
Voltage measurement input terminals
4
INB
DIP Switch: comprised of five individual switches to configure display intensity (SW1-SW2),
measurement mode (SW3), and measurement range (SW4-SW5)
Notes:
1) Ensure all screw-terminals are tightened in accordance with the torque specifications
for reliable operation.
2) Stranded wire is recommended for high-vibration applications.
3) Basic safety isolation is provided between the meter’s measurement and input power
electronics, no connection from the measurement-point and AC input power is required
4) External fusing for input power and or measurement source may be required. It is
incumbent upon the end-user to ensure all local electrical safety regulations and
external fusing requirements are followed where-ever this meter is deployed
CONNECTION EXAMPLES
In this application, the meter is configured for simple voltage
measurement where the meter shares a common load and power
connection point.
In this application, the meter is monitoring a voltage independent of the
meter’s power supply circuit. In such applications, the user must ensure
the voltage between the power and measurement terminals does not
exceed the meter’s isolation voltage rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com