Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACV1-AC1-R Datasheet(PDF) 10 Page - Murata Power Solutions Inc.

Part # DMR35-ACV1-AC1-R
Description  AC Voltmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACV1-AC1-R Datasheet(HTML) 10 Page - Murata Power Solutions Inc.

Back Button DMR35-ACV1-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 10Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DMR35-ACV Series
AC Voltmeter
DMR35-ACV.A01.D04 Page 10 of 11
www.murata-ps.com
TECHNICAL NOTES
1. Calibration
DMR35 digital panel meters is calibrated at the factory at the time of manufacture. There are no user or field-adjustable calibration
features.
2. Wiring:
Power supply and input wiring must be rated for the electrical and environmental conditions under which the meter will be operated. They
must also comply with any regulatory or application-mandated requirements pertaining to the user’s installation. The terminal blocks can
accommodate wire gauges ranging from #14 to #24 AWG. Wiring insulation should be stripped to the proper length as described in the
Terminal Block specifications table and wires must be inserted into the terminal block openings such that the screw terminal does not pinch
any insulation. It is important to tighten all screw terminals to their torque specification, which also may be found in the Terminal Block
specifications table. Proper tightening will help ensure reliable operation. Applications subject to vibration should use stranded wire. After
final assembly, inspect all terminal block connections for shorts between adjacent conductors; this step is especially important when using
stranded wire.
3. Protection and Fusing:
DMR35 meters’ power supply leads (PWRA, PWRB) are protected against momentary overvoltage and reverse polarity conditions. Input
terminals INA and INB are protected against noise and brief transients. Protection, however, is not provided against sustained conditions
exceeding the limits listed in in the Performance & Functional Specifications Table. External fusing must be supplied by the user in
accordance with applicable safety and regulatory requirements for the system in which the meter is installed.
4. Noisy Power Supplies
Some power supplies contain high-frequency switching devices that may conduct and/or radiate significant noise onto the low-level signal
developed across the measurement inputs. Even though the meter incorporates built-in input filtering, some portion of this noise may be
amplified and subsequently measured by its sensitive input circuitry. Limiting runs of wire to less than 3 meters (10 feet) is strongly
recommended. In certain situations, the use of twisted pair or shield wiring may be required.
5. Self-Diagnostics
Upon power-on the meter performs a self-test and checks the integrity of calibration data stored in internal non-volatile memory. If the
factory calibration data has been corrupted, the meter will display ‘CAL’ on power-on and approximately once a minute thereafter to indicate
that the meter is relying on default calibration factors and that displayed measurements may have more than the datasheet-specified amount
of error. If the meter detects other internal fault conditions, it will attempt to reset itself. Repeated restarts, which appear in the form of a
highly intermittent display, are indicative of a hardware fault that cannot be cleared through a reset operation, in which case the meter should
no longer be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com