Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACV1-AC1-R Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DMR35-ACV1-AC1-R
Description  AC Voltmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACV1-AC1-R Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DMR35-ACV1-AC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACV1-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DMR35-ACV Series
AC Voltmeter
DMR35-ACV.A01.D04 Page 1 of 11
www.murata-ps.com
FEATURES
Full-scale measurement of AC voltage
Highly visible 3-1/2 digit LED display with adjustable
intensity
Responsive bar-graph display provides indication of
rapidly changing inputs, emulating analog movement
meters
Measurement accuracy within 1% of reading + 4
counts
Selectable
True RMS or Average Reading modes
Switch configurable settings simplify adaptation for
use in a wide range of applications
Rugged Polycarbonate housing
Mechanical drop-in replacement for common analog-
movement meters
Operates from an external 100-264 VAC power supply
Low power consumption, typically 15 mA at 120 VAC
Two-year warranty
PRODUCT OVERVIEW
DMR35-ACV series panel meters measure AC voltage, from 5 to 300V, displayed in up to 3-1/2 digits of resolution. The 21-segment bar-graph is
tracks rapidly changing inputs.
Rear-accessible DIP switches are provided to set
Measurement Mode, Input Range, and Display Brightness.
This meter is capable of displaying
True RMS Mode, for compatibility with modern digital multimeters as well as Average Reading Mode, for
compatibility with legacy analog meters.
Basic safety isolation between the measurement and power inputs is provided.
APPLICATIONS
These meters are packaged in a rugged polycarbonate housing and designed for drop-in replacement of most 2-1/2” form-factor analog meters.
Ideal for use in laboratory instrumentation, factory automation, and other applications requiring precise AC voltage monitoring.
This meter requires an external power source of between 100-264 VAC.
For full details go to
www.murata-ps.com/rohs
File: E156931 Vol. D1


Similar Part No. - DMR35-ACV1-AC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR35-ACA/MA MURATA-PS-DMR35-ACA/MA Datasheet
1Mb / 11P
AC Ammeter
2023
DMR35-ACA1-AC1-R MURATA-PS-DMR35-ACA1-AC1-R Datasheet
1Mb / 11P
AC Ammeter
2023
DMR35-ACA2-AC1-R MURATA-PS-DMR35-ACA2-AC1-R Datasheet
1Mb / 11P
AC Ammeter
2023
DMR35-ACMA1-AC1-R MURATA-PS-DMR35-ACMA1-AC1-R Datasheet
1Mb / 11P
AC Ammeter
2023
More results

Similar Description - DMR35-ACV1-AC1-R

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MV15 SELEC-MV15 Datasheet
454Kb / 2P
Digital Voltmeter
MV2307 SELEC-MV2307 Datasheet
407Kb / 1P
Digital Voltmeter
logo
Carlo Gavazzi Holding A...
DI3DINAV1 CARLOGAVAZZI-DI3DINAV1 Datasheet
64Kb / 2P
Panel Meters and Controllers AC Ammeter or Voltmeter
DI372AV1 CARLOGAVAZZI-DI372AV1 Datasheet
62Kb / 3P
Panel Meters and Controllers AC Ammeter or Voltmeter
logo
NHP Electrical Engineer...
RQ48E-VAC-300V NHP-RQ48E-VAC-300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
RQ48E-VAC-500V NHP-RQ48E-VAC-500V Datasheet
996Kb / 3P
VOLTMETER 500V AC
11 October 2022,
RQ72EVAC300V NHP-RQ72EVAC300V Datasheet
996Kb / 3P
VOLTMETER DIRECT CONNECT 300V AC
11 October 2022,
RQ72EVAC500V NHP-RQ72EVAC500V Datasheet
996Kb / 3P
VOLTMETER DIRECT CONNECT 500V AC
24 June 2023,
RQ96EVAC300V NHP-RQ96EVAC300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
RQ96EVAC500V NHP-RQ96EVAC500V Datasheet
996Kb / 3P
VOLTMETER 500V AC
11 October 2022,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com