Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33874 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High-Side Switch (Quad 35 m??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33874
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
SERIAL INPUT COMMUNICATION
SPI communication is accomplished using 16-bit
messages. A message is transmitted by the MCU starting
with the MSB D15 and ending with the LSB, D0 (Table 8).
Each incoming command message on the SI pin can be
interpreted using the following bit assignments: the MSB,
D15, is the watchdog bit. In some cases, output selection is
done with bits D12:D11. The next three bits, D10:D8, are
used to select the command register. The remaining five bits,
D4:D0, are used to configure and control the outputs and
their protection features.
Multiple messages can be transmitted in succession to
accommodate those applications where daisy-chaining is
desirable, or to confirm transmitted data, as long as the
messages are all multiples of 16 bits. Any attempt made to
latch in a message that is not 16 bits will be ignored.
The 33874 has defined registers, which are used to
configure the device and to control the state of the outputs.
Table 9, page 21, summarizes the SI registers.
DEVICE REGISTER ADDRESSING
The following section describes the possible register
addresses and their impact on device operation.
ADDRESS 00000—STATUS REGISTER (STATR_S)
The STATR register is used to read the device status and
the various configuration register contents without disrupting
the device operation or the register contents. The register bits
D[4:0] determine the content of the first sixteen bits of SO
data. In addition to the device status, this feature provides the
ability to read the content of the OCR0, OCR1, SOCHLR,
Table 8. SI Message Bit Assignment
Bit Sig
SI Msg Bit
Message Bit Description
MSB
D15
Watchdog in: toggled to satisfy watchdog requirements.
D14
:D15
Not used.
D12
:D11
Register address bits used in some cases for output selection.
D10
:D8
Register address bits.
D7
:D5
Not used.
D4
:D1
Used to configure the inputs, outputs, and the device protection features and SO status content.
LSB
D0
Used to configure the inputs, outputs, and the device protection features and SO status content.
Table 9. Serial Input Address and Configuration Bit Map
SI Register
SI Data
D15
D14 D13 D12 D11 D10
D9
D8 D7
D6
D5
D4
D3
D2
D1
D0
STATR_s
WDIN
0
0
0
0
0
0
0
0
0
0
SOA4
SOA3
SOA2
SOA1
SOA0
OCR0
WDIN
0
0
0
0
0
0
1
0
0
0
0
IN3_SPI
IN2_SPI
IN1_SPI
IN0_SPI
OCR1
WDIN
0
0
0
1
0
0
1
0
0
0
0
CSNS3 EN
CSNS2 EN
CSNS1 EN
CSNS0 EN
SOCHLR_s WDIN
0
0
A1
A0
0
1
0
0
0
0
0
SOCH_s
SOCL2_s
SOCL1_s
SOCL0_s
CDTOLR_s WDIN
0
0
A1
A0
0
1
1
0
0
0
0
OL_DIS_s
OCL_DIS_s
OCLT1_s
OCLT0_s
DICR_s
WDIN
0
0
A1
A0
1
0
0
0
0
0
0
FAST_SR_s
CSNS_high_s DIR_DIS_s
A/O_s
UOVR
WDIN
0
0
0
0
1
0
1
0
0
0
0
OT_latch-1
OT_latch_0
UV_DIS
OV_DIS
WDR
WDIN
0
0
0
1
1
0
1
0
0
0
0
OT_latch_3
OT_latch_2
WD1
WD0
NAR
WDIN
0
0
0
0
1
1
0
0
0
0
0
No Action (Allow Toggling of D15
-WDIN)
RESET
0
0
0
X
X
X
X
X
0
0
0
0
0
0
0
0
x=Don’t care.
s=Output selection with the bits A1A0 as defined in Table 10.
D15 is used to toggle watchdog event (WDIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com