Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33874 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High-Side Switch (Quad 35 m??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33874
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
A logic [1] on bit D2 (OCL_DIS_s) disables the overcurrent
low detection feature. When disabled, there is no timeout for
the selected output and the overcurrent low detection feature
is disabled.
A logic [1] on bit D3 (OL_DIS_s) disables the open load
(OL) detection feature for the output corresponding to the
state of bits D12:D11.
ADDRESS A1A0100—DIRECT INPUT CONTROL
REGISTER (DICR)
The DICR register is used by the MCU to enable, disable,
or configure the direct IN pin control of each output. Each
output is independently selected for configuration based on
the state bits D12:D11 (refer to Table 10, page 22).
For the selected output, a logic [0] on bit D1 (DIR_DIS_s)
will enable the output for direct control. A logic [1] on bit D1
will disable the output from direct control.
While addressing this register, if the Input was enabled for
direct control, a logic [1] for the D0 (A/O_s) bit will result in a
Boolean AND of the IN pin with its corresponding IN_SPI
D[4:0] message bit when addressing OCR0. Similarly, a logic
[0] on the D0 pin results in a Boolean OR of the IN pin to the
corresponding message bits when addressing the OCR0.
This register is especially useful if several loads are required
to be independently PWM controlled. For example, the IN
pins of several devices can be configured to operate all of the
outputs with one PWM output from the MCU. If each output
is then configured to be Boolean ANDed to its respective IN
pin, each output can be individually turned OFF by SPI while
controlling all of the outputs, commanded on with the single
PWM output.
A logic [1] on bit D2 (CSNS_high_s) is used to select the
high ratio on the CSNS pin for the selected output. The
default value [0] is used to select the low ratio (Table 14).
A logic [1] on bit D3 (FAST_SR_s) is used to select the
high speed slew rate for the selected output, the default value
[0] corresponds to the low speed slew rate.
ADDRESS 00101—UNDERVOLTAGE/
OVERVOLTAGE AND HS[0,1]
OVERTEMPERATURE REGISTER (UOVR)
The UOVR register disables the undervoltage (D1) and/or
overvoltage (D0) protection. When these two bits are [0], the
under- and overvoltage are active (default value).
The UOVR register allows the overtemperature detection
latching on the HS0 and HS1. To latch the overtemperature,
the bits (OT_latch_1 and OT_latch_0) must be set to [0]
which is the default value. To disable the latching, both bits
must be set to [1].
ADDRESS 01101— WATCHDOG AND HS[2,3]
OVERTEMPERATURE REGISTER (WDR)
The WDR register is used by the MCU to configure the
Watchdog timeout. The Watchdog timeout is configured
using bits D1 and D0. When D1 and D0 bits are programmed
for the desired watchdog timeout period (Table 15), the
WDSPI bit should be toggled as well, ensuring the new
timeout period is programmed at the beginning of a new
count sequence.
The WDR register allows the overtemperature detection
latching on the HS2 and HS3. To latch the overtemperature,
the bits (OT_latch_3 and OT_latch_2) must be set to [0]
which is the default value. To disable the latching, both bits
must be set to [1].
ADDRESS 00110—NO ACTION REGISTER (NAR)
The NAR register can be used to no-operation fill SPI data
packets in a daisy-chain SPI configuration. This would allow
devices to be unaffected by commands being clocked over a
daisy-chained SPI configuration. By toggling the WD bit
(D15) the watchdog circuitry would continue to be reset while
no programming or data read back functions are being
requested from the device.
SERIAL OUTPUT COMMUNICATION (DEVICE
STATUS RETURN DATA)
When the CS pin is pulled low, the output register is
loaded. Meanwhile, the data is clocked out MSB- (OD15-)
first as the new message data is clocked into the SI pin. The
first sixteen bits of data clocking out of the SO, and following
a CS transition, is dependent upon the previously written SPI
word.
Table 14. Current Sense Ratio
CSNS_high_s
* (D2)
Current Sense Ratio
HS0 to HS3
0
1/7200
1
1/21400
* “_s” refers to the output, which is selected through bits D12:D11;
refer to Table 10, page 22.
Table 15. Watchdog Timeout
WD[1:0] (D1, D0)
Timing (ms)
00
558
01
279
10
2250
11
1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com