Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 2 Page - Comchip Technology

Part # 2N7002
Description  N-CHANNEL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2N7002 Datasheet(HTML) 2 Page - Comchip Technology

  2N7002 Datasheet HTML 1Page - Comchip Technology 2N7002 Datasheet HTML 2Page - Comchip Technology 2N7002 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MDS0303007A
Page 2
www.comchiptech.com
COMCHIP
Characteristics (Ta=25 C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVDSS
60
-
-
V
VGS=0, ID=10uA
VGS(th)
1
-
2.5
V
VDS=2.5V, ID=0.25mA
IGSS/F
-
-
100
nA
VGS=+20V, VDS=0
IGSS/R
-
-
100
nA
VGS=-20V, VDS=0
IDSS
-
-
1
uA
VDS=60V, VGS=0
ID(ON)
500
-
-
mA
VDS>2VDS(ON), VGS=10V
-
-
0.375
V
ID=50mA, VGS=5V
VDS(ON)
-
-
3.75
V
ID=500mA, VGS=10V
-
-
7.5
ID=50mA, VGS=5V
RDS(ON)
-
-
7.5
ID=500mA, VGS=10V
GFS
80
-
-
mS
VDS>2VDS(ON), ID=200mA
Ciss
-
-
50
Coss
-
-
25
Crss
-
-
5
pF
VDS=25V, VGS=0, f=1MHz
*Pulse Test : Pulse Width 380us, Duty Cycle 2%
Characteristic Curves
TYPICAL OUTPUT CHARACTERISICS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
2345
678
9
10
DRAIN-SOURCE ---VDS(V)
VGS=4V
VGS=8V
VGS=5V
TYTICAL TRANSFER CHARACTERISTIC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
23
456
78
9
10
GATE-SOURCE VOLTAGE---VGS(V)
N-CHANNEL TRANSISTOR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com