Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 3 Page - Comchip Technology

Part # 2N7002
Description  N-CHANNEL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2N7002 Datasheet(HTML) 3 Page - Comchip Technology

  2N7002 Datasheet HTML 1Page - Comchip Technology 2N7002 Datasheet HTML 2Page - Comchip Technology 2N7002 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.comchiptech.com
COMCHIP
MDS0303007A
Page 3
STATIC DRAIN-SOURCE ON-STATE RESISTANCE vs DRAIN
CURRENT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
DRAIN CURRENT---ID(A)
VGS=5
V
VGS=10
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
VS GATE-SOURCE VOLTSAGE
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
1214
1618
20
GATE-SOURCE VOLTAGE---VGS(V)
FORWARD TRANSFER ADM ITTANCE
vs DRAIN CURRENT
1
10
100
1000
0.001
0.01
0.1
1
DRAIN CURRENT---ID(A)
VGS=10V
REVERSE DRAIN CURRENT vs SOURCE-DRAIN VOLTAGE
0.01
0.10
1.00
0.00
0.50
1.00
1.50
SOURCE-DRAIN VOLTAGE---VSD(V)
Pulsed
VGS=0
V
VGS=10V
N-CHANNEL TRANSISTOR
SWITCHING
CHARACTERISTICS
1
10
100
1000
0.001
0.01
0.1
1
DRAIN CURRENT---ID(A)
Tf
Td(off)
Td(on)
Tr



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com