Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS54 Datasheet(PDF) 1 Page - Comchip Technology

Part # BAS54
Description  Surface Mount Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS54 Datasheet(HTML) 1 Page - Comchip Technology

  BAS54 Datasheet HTML 1Page - Comchip Technology BAS54 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.comchip.com.tw
COMCHIP
SOT-23
Dimensions in inches (millimeters)
Page 1
.037(0.95) .037(0.95)
.119 (3.0)
.020 (0.5)
.020 (0.5)
Top View
.103 (2.6)
.110 (2.8)
.086 (2.2)
.020 (0.5)
BAT54
-G
1
2
CATHODE
3
ANODE
CATHODE
1
2
ANODE
CATHODE
3
ANODE
CATHODE
1
2
ANODE
CATHODE
3
ANODE
BAT54A
-G
BAT54S
-G
BAT54C
-G
3
2
1
Voltage: 30 Volts
Current: 200mA
BAT54 Series -G
Features
Low Turn-on Voltage
Fast Switching
PN Junction Guard Ring for Transient and
ESD Protection
Mechanical data
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: See Diagrams Below
Weight: 0.008 grams (approx.)
Mounting Position: Any
Surface Mount Schottky Diode
Surface Mount Schottky Diode
1
ANODE
3
CATHODE
CATHODE
Rating
Symbol
Value
Units
Reverse Voltage
VR
30
Volts
Forward Power Dissipation @ TA = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 mA)
V(BR)R
30
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
7.60
10.0
pF
Reverse Leakage (VR = 25 V)
IR
0.50
2.0
mAdc
Forward Voltage (IF = 0.1 mAdc)
0.22
0.24
(IF = 30 mAdc)
0.41
0.5
(IF = 100 mAdc)
0.52
1.0
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
Forward Voltage (IF = 1.0 mAdc)
0.29
0.32
(IF = 10 mAdc)
0.35
0.40
Forward Current (DC)
IF
200
mAdc
Repetitive Peak Forward Current
IFRM
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
600
mAdc
Vdc
PF
Electrical Characterics (T
A = 25°C unless otherwise noted) (EACH DIODE)
trr
5.0
ns
VF
Vdc
VF
Maximum Ratings (T
A = 125°C unless otherwise noted)
-Gsuffix designates RoHS compliant Version


Similar Part No. - BAS54

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAS511 KEXIN-BAS511 Datasheet
578Kb / 2P
Switching Diodes
logo
NXP Semiconductors
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
High-speed diode
1998 Aug 31
logo
Leshan Radio Company
BAS516 LRC-BAS516 Datasheet
162Kb / 3P
High-speed diode
logo
Jiangsu Changjiang Elec...
BAS516 JIANGSU-BAS516 Datasheet
109Kb / 3P
Switching Diodes
logo
TRANSYS Electronics Lim...
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
More results

Similar Description - BAS54

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
CMWSH-4 CENTRAL-CMWSH-4 Datasheet
114Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
logo
Pan Jit International I...
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
RB551V30 PANJIT-RB551V30 Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD330W PANJIT-MMBD330W Datasheet
58Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
PJRB461F PANJIT-PJRB461F Datasheet
89Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
RB551V-30 PANJIT-RB551V-30 Datasheet
156Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD301 PANJIT-MMBD301_13 Datasheet
186Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB501V-40 UTC-RB501V-40 Datasheet
131Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Shanghai Leiditech Elec...
1SS357 LEIDITECH-1SS357 Datasheet
435Kb / 2P
Surface mount schottky diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com