Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4S-G Datasheet(PDF) 1 Page - Comchip Technology

Part # B4S-G
Description  Silicon General Purpose Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

B4S-G Datasheet(HTML) 1 Page - Comchip Technology

  B4S-G Datasheet HTML 1Page - Comchip Technology B4S-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page1
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Case: JEDEC DO-269AA molded plastic
Terminals: solderable per MIL-STD-750, Method 2026
Polarity: Marked on body
Mounting position: Any
Approx. Weight: 0.22gram
Mechanical Data:
Maximum Ratings and Electrical Characteristics
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
Flammability classification 94V-0
Built-in strain relief
Glass passicated junction
Features:
Reverse Voltage: 50 ~ 1000 Volts
Forward Current: 0.5 Amp
B05S-G thru B10S-G
Silicon General Purpose Bridge Rectifier
“-G” suffix designated RoHS compliant version
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
(JEDEC method)
Max. Average Forward Current
Max. Instantaneous Forward Current
at 0.5A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25ºC
Ta=125ºC
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
B05S-G
50
50
35
Symbol
VRRM
VDC
VRMS
IFSM
Io
VF
IR
RθJA
Tj
TSTG
B1S-G
100
100
70
B2S-G
200
200
140
B4S-G
400
400
280
30
0.5
1.0
5
500
85
-55 to +150
-55 to +150
B6S-G
600
600
420
B8S-G
800
800
560
B10S-G
1000
1000
700
Unit
V
V
V
A
A
V
uA
ºC/W
ºC
ºC
Note1: Thermal resistance from junction to ambient.
-
+
-
-
.165 (4.2)
.150 (3.8)
.031 (0.8)
.019 (0.5)
.193 (4.9)
.177 (4.5)
.106 (2.7)
.090 (2.3)
.106 (2.7)
.090 (2.3)
.008 (0.2)
.043 (1.1)
.027 (0.7)
.275 (7.0)
MAX.
Dimmension in inches and (millimeters)
TO-269AA
Glass Passivated Type


Similar Part No. - B4S-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
B4S-G COMCHIP-B4S-G Datasheet
102Kb / 4P
SMD General Purpose Bridge Rectifier Diode
More results

Similar Description - B4S-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF15005S-G COMCHIP-DF15005S-G Datasheet
51Kb / 2P
SMD General Purpose Bridge Rectifier
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CR5-010 CENTRAL-CR5-010_15 Datasheet
63Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
CR6A4GPP CENTRAL-CR6A4GPP_15 Datasheet
169Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
1A1 CHENDA-1A1 Datasheet
583Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N4001S CHENDA-1N4001S Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N5400 CHENDA-1N5400 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
BY127 CHENDA-BY127 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
RL201 CHENDA-RL201 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N4001S CHENDA-1N4001S_V01 Datasheet
624Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com