Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4S-G Datasheet(PDF) 2 Page - Comchip Technology

Part # B4S-G
Description  Silicon General Purpose Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

B4S-G Datasheet(HTML) 2 Page - Comchip Technology

  B4S-G Datasheet HTML 1Page - Comchip Technology B4S-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page2
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
B05S-G thru B10S-G
Silicon General Purpose Bridge Rectifier
“-G” suffix designated RoHS compliant version
Fig. 4 - Current Derating Curve
Forward Voltage (V)
Fig.2 - Forward Characteristics
Fig. 3 - Non Repetitive Forward
Surge Current
0
10
20
50
40
30
1
5
10
50
1 00
Number of Cycles at 60Hz
Single Phase
Half wave 60Hz
Resistive or inductive Load
Ambient Temperature ( C)
Tj=25 C
8.3mS Single Half Sine
Wave JEDEC methode
Fig. 1 - Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
Tj=25 C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
100
10
1.0
0.1
0.01
0
25
50
75
100 125
150
175
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Rating and Characteristic Curves (B05S-G thru B10S-G)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com