Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRVJLPL1.F3 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GRVJLPL1.F3
Description  The OSLON Pure® 1414, one of the best lumen density, excellent efficiency and color homogeneity.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GRVJLPL1.F3 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GRVJLPL1.F3 Datasheet HTML 8Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 9Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 10Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 11Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 12Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 13Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 14Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 15Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
GR VJLPL1.F3
DATASHEET
DATASHEET
12 | Version 1.2 | 2024-04-03
Max. Permissible Forward Current 7)
I
F = f(T)
020406080
100
Ts /°C
0
100
200
300
400
500
600
700
800
900
1000
1100
IF /mA
GR VJLPL1.F3
Permissible Pulse Handling Capability
IF = f (tp); duty cycle D = parameter; T
s = 25°C
10-6 10-5 10-4 10-3 0,01 0,11
10
Pulsetime /s
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
IF /A
GR VJLPL1.F3
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible Pulse Handling Capability
IF = f (tp); duty cycle D = parameter; T
s = 100°C
10-6 10-5 10-4 10-3 0,01 0,11
10
Pulsetime /s
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
IF /A
GR VJLPL1.F3
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com