Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRVJLPL1.F3 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GRVJLPL1.F3
Description  The OSLON Pure® 1414, one of the best lumen density, excellent efficiency and color homogeneity.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GRVJLPL1.F3 Datasheet(HTML) 2 Page - OSRAM GmbH

  GRVJLPL1.F3 Datasheet HTML 1Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 2Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 3Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 4Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 5Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 6Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 7Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 8Page - OSRAM GmbH GRVJLPL1.F3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
GR VJLPL1.F3
DATASHEET
DATASHEET
2 | Version 1.2 | 2024-04-03
OSLON® Pure 1414
GR VJLPL1.F3
The OSLON Pure® 1414, one of the best lumen density, excel-
lent efficiency and color homogeneity.
The OSLON Pure® 1414 come with full color spectrum and
color temperature of 1800K to 6500K that enable customer to
perform color tuning and tight clustering. It can be use stand
alone as well as in cluster together to achieve the spectrum that
you need.
Applications
- Appliances & Tools
- Entertainment
- Factory Automation
- Indoor Lighting
- Medical Lighting
- Outdoor & Industrial Lighting
- Projection & Display
- Robotics
Features
- Package: chip level conversion
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 40 lm @ 25 °C
- Luminous efficacy: typ. 39 lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com