Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBQ99G.01 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LBQ99G.01
Description  The square package with just 2mm outline combines best performance with a small footprint for environments where improved corrosion robustness is needed.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBQ99G.01 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LBQ99G.01 Datasheet HTML 2Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 3Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 4Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 5Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 6Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 7Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 8Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 9Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LB Q99G.01
DATASHEET
DATASHEET
6 | Version 1.0 | 2023-02-09
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 6)
I
F = 5 mA
I
F = 5 mA
I
F = 5 mA
min.
max.
typ.
I
v
I
v
Φ
V
P1
45.0 mcd
56.0 mcd
212.1 mlm
P2
56.0 mcd
71.0 mcd
266.7 mlm
Q1
71.0 mcd
90.0 mcd
338.1 mlm
Q2
90.0 mcd
112.0 mcd
424.2 mlm
R1
112.0 mcd
140.0 mcd
529.2 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 5 mA
I
F = 5 mA
min.
max.
V
F
V
F
3X
2.60 V
2.70 V
3Y
2.70 V
2.80 V
3Z
2.80 V
2.90 V
4X
2.90 V
3.00 V
4Y
3.00 V
3.10 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
3
464 nm
468 nm
4
468 nm
472 nm
5
472 nm
476 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com