Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBQ99G.01 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # LBQ99G.01
Description  The square package with just 2mm outline combines best performance with a small footprint for environments where improved corrosion robustness is needed.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBQ99G.01 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button LBQ99G.01 Datasheet HTML 15Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 16Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 17Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 18Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 19Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 20Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 21Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 22Page - OSRAM GmbH LBQ99G.01 Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
LB Q99G.01
DATASHEET
DATASHEET
19 | Version 1.0 | 2023-02-09
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of principle, however, it should be mentioned that intense light
sources have a high secondary exposure potential due to their blinding effect. When looking at bright light
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com