Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIRA050 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # MIRA050
Description  0.5 MP NIR-Enhanced high speed global shutter image sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

MIRA050 Datasheet(HTML) 3 Page - OSRAM GmbH

  MIRA050 Datasheet HTML 1Page - OSRAM GmbH MIRA050 Datasheet HTML 2Page - OSRAM GmbH MIRA050 Datasheet HTML 3Page - OSRAM GmbH MIRA050 Datasheet HTML 4Page - OSRAM GmbH MIRA050 Datasheet HTML 5Page - OSRAM GmbH MIRA050 Datasheet HTML 6Page - OSRAM GmbH MIRA050 Datasheet HTML 7Page - OSRAM GmbH MIRA050 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Mira050
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001066
• v3-00 • 2024-Mar-05
3 / 8
/
Mira050 0.5 MP NIR-Enhanced high speed
global shutter image sensor
1
General description
Mira050 is a compact 0.5 MP Near IR enhanced global shutter image sensor designed for 2D
and 3D consumer and industrial machine vision applications. The sensor has a small 2.79 µm
pixel size with high sensitivity made possible by a state of the art BSI technology. The sensor
has a MIPI CSI-2 interface to allow easy interfacing with a plethora of processors and FPGAs.
Due to its small size, configurability and high sensitivity both in visual as well as NIR, the
Mira050 is well suited for 2D and 3D applications, which include Active Stereo Vision,
Structured Light Vision and AR/VR. High sensitivity in NIR enables increased measurement
range and allows overall system power consumption optimization which is key for battery
powered consumer and industrial applications.
2
Specifications & special features
Table 1: Key specifications
Parameter
Value
Remark
Active pixels
576 (H) x 768 (V) CSP
600 (H) x 800 (V) Bare Die
On CSP the addressable area is
600 x 800 but only 576 x768 is useable.
Pixel
2.79 µm × 2.79 µm
BSI stacked technology with high NIR
sensitivity. Low noise and low cross talk
Optical format
1/7”
Dimensions
2.25 mm x 2.75 mm
– Die
2.29 mm x 2.83 mm
– CSP
Active area 60% of total.
Shutter type
Voltage domain pipelined global
shutter
Possibility of exposure of next image during
readout of the previous image.
Quantum efficiency (QE)
94 / 56 / 36 %
550 / 850 / 940 nm Mono
Supported lens chief ray angle
(CRA)
0° to 30°
Extra wide acceptance angle of the Mira050
pixel means any lens profile with these CRA
values can be used.
ADC modes
8-bit | 10-bit | 10-bit HS |
12-bit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com