Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIRA050 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # MIRA050
Description  0.5 MP NIR-Enhanced high speed global shutter image sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

MIRA050 Datasheet(HTML) 4 Page - OSRAM GmbH

  MIRA050 Datasheet HTML 1Page - OSRAM GmbH MIRA050 Datasheet HTML 2Page - OSRAM GmbH MIRA050 Datasheet HTML 3Page - OSRAM GmbH MIRA050 Datasheet HTML 4Page - OSRAM GmbH MIRA050 Datasheet HTML 5Page - OSRAM GmbH MIRA050 Datasheet HTML 6Page - OSRAM GmbH MIRA050 Datasheet HTML 7Page - OSRAM GmbH MIRA050 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Mira050
Specifications & special features
Short Datasheet
• PUBLIC • Document Feedback
DS001066
• v3-00 • 2024-Mar-05
4 / 8
/
Parameter
Value
Remark
Max frames per second full
resolution
120 fps
All ADC modes
Analog gain
1x
→ 4x step: 2x
1x
→ 16x step: 2x
1x
→ 4x step: 3%
1x
→ 32x step: 2x
1x
→ 16x step: 3%
12-bit | 10-bit HS (Default mode)
10-bit (Default mode)
10-bit HS (Fine gain mode)
8-bit (Default mode)
8-bit (Fine gain mode)
Digital gain
1x
→ 16x step: 1/16x
8-bit |10-bit | 10-bit HS | 12-bit
Data interface
MIPI CSI-2 v1.3 DPHY v1.2
1 Data lane | 1 Clock lane
1.5 Gbps with data scrambling support
Table 2: Special features
Features
Benefits
Programmable registers
Programming of window coordinates, timing parameters, exposure time,
mirror, flipping, cropping
High sensitivity and NIR
enhanced pixel
High sensitivity and compact pixel size achieved via state of the art BSI
technology with NIR enhancement resulting in less power hungry
illuminators
Context switching
Two register contexts for on the fly configuration changes
On-chip processing
• Defect pixel detection and correction
• Image statistics generation
• Event detection
• In pixel background light cancellation
• Digital pixel binning
• Black sun protection
• Flexible ROI selection
On-chip advanced power
management
Smart powering of on chip blocks with respect to frame rate and exposure
time resulting in extended battery life
On-chip temperature sensor
Accurate temperature reading on junction temperature
Illumination synchronization
trigger
Accurate timing between illumination and actual exposure



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com