Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACKAGE1-2QC1D0 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # PACKAGE1-2QC1D0
Description  1/2.7” 2.2MP NIR Enhanced Global Shutter Image
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PACKAGE1-2QC1D0 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button PACKAGE1-2QC1D0 Datasheet HTML 3Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 4Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 5Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 6Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 7Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 8Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 9Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 10Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Document Feedback
Mira220
Typical Operating Characteristics
Short Datasheet
• PUBLIC
DS001056
• v3-00 • 2023-Feb-14
10
│ 7
3
Typical Operating Characteristics
3.1
Electro-Optical Characteristics
Below are the typical electro-optical specifications of Mira220.
Figure 3:
Optical Features of Mira220
Parameter
Value
Remark
Active Pixels
1600 (H) × 1400 (V)
Pixel Pitch
2.79 × 2.79 µm²
Optical Format
1/2.7”
Pixel Type
BSI global shutter
With fixed pattern noise correction and
reset (kTC) noise canceling by
correlated double sampling (CDS)
coupled with high sensitivity.
Shutter Type
Pipelined global shutter
Exposure of next image during readout
of the previous image.
Figure 4:
Typical Electro-Optical Characteristics
Parameter
Value
Remark
Supported Lens Chief Ray
Angles (CRA)
0° to 30°
Extra wide acceptance angle of the
Mira220 pixel means any lens profile
with these CRA values would provide
decent performance.
Quantum Efficiency (QE)
94 / 55 / 36 %
550 / 850 / 940 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com