Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACKAGE1-2QC1D0 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # PACKAGE1-2QC1D0
Description  1/2.7” 2.2MP NIR Enhanced Global Shutter Image
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PACKAGE1-2QC1D0 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button PACKAGE1-2QC1D0 Datasheet HTML 3Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 4Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 5Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 6Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 7Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 8Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 9Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 10Page - OSRAM GmbH PACKAGE1-2QC1D0 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Feedback
Mira220
Typical Operating Characteristics
Short Datasheet
• PUBLIC
DS001056
• v3-00 • 2023-Feb-14
10
│ 8
3.2
Functional Characteristics
Figure 5:
Functional Characteristics
Parameter
Value
Bit Depth
12-bit
10-bit
8-bit
Timing Generation
On-chip
Programmable Registers
Sensor parameters. e.g. Window coordinates,
Timing parameters, and Exposure time
Power Consumption
168 mW | Active 30fps
40 mW | Idle
4 mW | Sleep
Data Interface Standard
MIPI CSI-2
DPHY
MIPI Outputs
2 Data
1 Clock
Output Interface Bit Rate
1.5 Gbit/s
Frame Rates
90 fps
Black Sun Protection
Yes
Temperature Sensor
Yes
Context Switching
Two register contexts



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com