Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34717 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 34717
Description  5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34717 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 34717 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34717
TYPICAL APPLICATIONS
OPERATIONAL MODES
resistors will affect the accuracy of the system and must be
1% accurate resistors.
To achieve this tracking configuration, the master voltage
must be connected in the way shown and cannot be directly
connected to the VREFIN terminal.
Figure 12. Ratiometric Tracking Circuit Connections
EQUATIONS
•VM = VBG_M(1+R3/R4)
•VREFIN = VM * R4/(R3+R4)
•VREFOUT = VREFIN
•VS = VREFOUT(1+R1/R2) = VM* R4/(R3+R4)*(R2+R1)/R2,
if VREFOUT < VBG_S
•VS = VBG_S(1+R1/R2), if VREFOUT ≥ VBG_S
Figure 13. Ratiometric Tracking Plot
CO-INCIDENTAL TRACKING CIRCUIT
CONFIGURATION:
Connect a three resistor divider to the master voltage (VM)
and Route the upper tap point of the divider to the VREFIN
terminal, resistors R3, R4, and R5 as shown in Figure 14. This
resistor divider must be the same ratio as the slave output’s
(VS) feedback resistor divider, which in turn connects to the
INV- terminal, resistors R1 and R2 below (Condition: R1 = R3
and R2 = R4 + R5). The master’s feedback resistor divider
would be (R3+R4) and R5. All five resistors will affect the
accuracy of the system and must be 1% accurate resistors.
To achieve this tracking configuration, the master voltage
must be connected in the way shown and cannot be directly
connected to the VREFIN terminal.
Figure 14. Co-incidental Tracking Circuit Connections
EQUATIONS
•VM = VBG_M[1+(R3+R4)/R5]
•VREFIN = VM*(R4+R5)/(R3+R4+R5)
•VREFOUT = VREFIN
•VS = VREFOUT(1+R1/R2) = VM*(R4+R5)/
(R3+R4+R5)*(R2+R1)/R2 = VM if VREFOUT < VBG_S
•VS = VBG_S(1+R1/R2), if VREFOUT ≥ VBG_S
Figure 15. Co-incidental Tracking Plot
Not-DDR Mode (Source Only Mode) is the case when no
tracking is needed. VREFIN should be connected to VDDI
and the reference selection block will use the internal band
gap voltage as the error amplifier’s reference voltage.
A user can potentially apply a voltage to the VREFIN
terminal directly or through a resistor divider to get a buffered
output for use in the application. The condition here is, the
voltage applied to the VREFIN terminal is greater than VBG to
guarantee that the reference selection block will not switch
back to the VREFOUT voltage.
VSLAVE
INV
COMP
Rs
R1
Cs
RF
CF
CX
EA
VREFIN
Reference
selector
VBG
R3
R4
R2
VMASTER
To INV- of
Vmaster
+
-
CO
VSLAVE
INV
COMP
Rs
R1
Cs
RF
CF
CX
EA
VREFIN
Reference
selector
VBG
R3
R4
R2
VMASTER
To INV- of
Vmaster
+
-
R5
CO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com