Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34717 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34717
Description  5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34717 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34717 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34717
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
PROTECTION FUNCTIONS
This block contains the following circuits:
• Over Current Limit and Short Circuit Detection: This
block monitors the output of the buck converters for
over current conditions and short circuit events and
alerts the system control for further command.
• Thermal Limit Detection: This block monitors the
temperature of the device for overheating events. If the
temperature rises above the thermal shutdown
threshold, this block will alert the system control for
further commands.
• Output Overvoltage and Undervoltage Monitoring: This
block monitors the buck converters output voltages to
ensure they are within regulation boundaries. If not, this
block alerts the system control for further commands.
CONTROL AND SUPERVISORY FUNCTIONS
This block is used to interface with an outside host. It
contains the following circuits.
• Shutdown Control Input: An outside host can put the
34717 device into shutdown mode by sending a logic
“0” to the SD pin.
• Power Good Output Signal: The 34717 can
communicate to an outside host that a fault has
occurred by pulling the voltage on the PG pin high.
TRACKING AND SEQUENCING
This block allows the second output of the 34717 to track
the voltage applied at the VREFIN pin in different tracking
configurations. This will be discussed in further details later in
this document. For power down during a shutdown mode, the
34717 uses internal discharge MOSFETs (M8 and M9 on
Figure 2, page 2) to discharge the first and second output
respectively. The discharge MOSFETs are only active during
shutdown mode. Using this block along with controlling the
SD pin can offer the user power sequencing capabilities by
controlling when to turn the 34717 outputs on or off.
BUCK CONVERTER
This block provides the main function of the 34717: DC to
DC conversion from an un-regulated input voltage to a
regulated output voltage used by the loads for reliable
operation. The buck converter is a high performance, fixed
frequency (externally adjustable), synchronous buck PWM
voltage-mode control. It drives integrated 50 mΩ N-channel
power MOSFETs saving board space and enhancing
efficiency. The switching regulator output voltage is
adjustable with an accuracy of less than ±2 % to meet today’s
requirements. The second channel’s output has the ability to
track the voltage applied at the VREFIN pin. The regulator's
voltage control loop is compensated using a type III
compensation network, with external components to allow for
optimizing the loop compensation, for a wide range of
operating conditions. A typical Bootstrap circuit with an
internal PMOS switch is used to provide the voltage
necessary to properly enhance the high-side MOSFET gate.
The 34717 has the ability to supply up to 5.0 A of
continuous current from each channel, making it suitable for
many high current applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com