Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78253/35VC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # 78253/35VC
Description  MAX253 Compatible Converter Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78253/35VC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  78253/35VC Datasheet HTML 1Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 2Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 3Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 4Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 5Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 6Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
KMP_78253C_F01 Page 3 of 7
78253 Series
MAX253 Compatible Converter Transformers
www.murata.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
6 Pin DIL
6 Pin SM
0.135±0.02
(3.44±0.50)
0.25
(6.35)
0.354
(9.0) MAX
0.375
(9.52) MAX
0.012(0.30)
0.008(0.20)
0.40
(10.16)
0.1 (2.54)
0.025 (0.63)
0.021 (0.53)
0.354
(9.0) MAX
0.375
(9.52) MAX
0.5
(12.70)
0.025 (0.63)
0.021 (0.53)
0.1
(2.54)
0.035
(0.90)
0.012 0.30
(0.008 0.20)
0.25
(6.35)
78253/55MC
XYYWW
78253/35C
XYYWW
Primary
Secondary
Primary
Secondary
1
2
3
6
4
5
1
2
3
6
4
5
0.10 (2.54)
0.10 (2.54)
Ø0.05 (1.20) +0.006 (0.15)
-0.000 (0.00)
0.45
(11.50)
0.10 (2.54)
0.04
(1.00)
0.06 (1.60)
6 Pin DIL
6 Pin SM
Unless otherwise stated all dimensions in inches (mm) ±0.01 (0.25).
All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Package weight 1.0g Typ.
0.10 (2.54)
0.10 (2.54)
Ø0.05 (1.20) +0.006 (0.15)
-0.000 (0.00)
0.45
(11.50)
0.10 (2.54)
0.04
(1.00)
0.06 (1.60)
Unless otherwise stated all dimensions in inches (mm) ±0.01 (0.25).
All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Top View
Top View



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com