Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78253/35VC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # 78253/35VC
Description  MAX253 Compatible Converter Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78253/35VC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  78253/35VC Datasheet HTML 1Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 2Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 3Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 4Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 5Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 6Page - Murata Power Solutions Inc. 78253/35VC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
KMP_78253C_F01 Page 5 of 7
78253 Series
MAX253 Compatible Converter Transformers
www.murata.com
TYPICAL CHARACTERISTICS (VOLTAGE CURVES) (Continued)
VOLTAGE DEVIATION
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
78253/35(M)C
110
105
100
95
90
-50
0
50
25
-25
75
100
78253/55(M)C
110
105
100
95
90
-50
0
50
25
-25
75
100
78253/35(M)VC
110
105
100
95
90
-50
0
50
25
-25
75
100
78253/55(M)VC
110
105
100
95
90
-50
0
50
25
-25
75
100
SOLDERING INFORMATION1
Pin finish
Matte tin
Peak wave solder temperature
300˚C for 10 seconds
Peak reflow temperature
220˚C2
TUBE OUTLINE DIMENSIONS
All specifications typical at T
A=25°C
1 For further information, please visit www.murata.com/en-global/products/power/rohs
2 For high temperature reflow parts see 78253J series.
0.023±0.005
(0.60±0.15)
0.16 (4.00)
0.22 (5.50)
0.43
(10.95)
0.51
(12.95)
0.15
(3.80)
0.62 (15.70)
Tube length: 18.3±0.08 (465±2). Tube quantity: 50.
Tube material: Antistatic coated clear pvc.
Unless otherwise stated all dimensions in inches(mm) ±0.01 (0.25).
TECHNICAL NOTES
ISOLATION
VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Volt-
age’, ‘Proof Voltage’, ‘Dielectric Withstand
Voltage’ & ‘Isolation Test Voltage’ are all terms
that relate to the same thing, a test voltage,
applied for a specified time, across a compo-
nent designed to provide electrical isolation, to
verify the integrity of that isolation.
All products in this series are 100% production
tested at their stated isolation voltage.
A question commonly asked is, “What is the
continuous voltage that can be applied across
the part in normal operation?”
For a part holding no specific agency approv-
als both input and output should normally be
maintained within SELV limits i.e. less than
42.4V peak, or 60VDC. The isolation test
voltage represents a measure of immunity to
transient voltages and the part should never
be used as an element of a safety isolation
system. The part could be expected to function
correctly with several hundred volts offset
applied continuously across the isolation bar-
rier; but then the circuitry on both sides of the
barrier must be regarded as operating at an
unsafe voltage and further isolation/insulation
systems must form a barrier between these
circuits and any user-accessible circuitry ac-
cording to safety standard requirements.
REPEATED HIGH-VOLTAGE
ISOLATION TESTING
It is well known that repeated high-voltage
isolation testing of a barrier component can
actually degrade isolation capability, to a
lesser or greater degree depending on ma-
terials, construction and environment. This
series has toroidal isolation transformers,
with no additional insulation between pri-
mary and secondary windings of enamelled
wire. While parts can be expected to with-
stand several times the stated test voltage,
the isolation capability does depend on the
wire insulation. Any material, including this
enamel (typically polyurethane) is suscep-
tible to eventual chemical degradation when
subject to very high applied voltages thus
implying that the number of tests should be
strictly limited. We therefore strongly advise
against repeated high voltage isolation test-
ing, but if it is absolutely required, that the
voltage be reduced by 20% from specified
test voltage.
This consideration equally applies to agency
recognised parts rated for better than
functional isolation where the wire enamel
insulation is always supplemented by a
further insulation system of physical spacing
or barriers.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com