Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78250MVC-R Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 78250MVC-R
Description  MAX250/MAX251 Compatible Converter Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78250MVC-R Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  78250MVC-R Datasheet HTML 1Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 2Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 3Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 4Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KMP_78250C_D03 Page 2 of 5
78250 Series
MAX250/MAX251 Compatible Converter Transformers
www.murata.com
TECHNICAL NOTES
ISOLATION
VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand
Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test
voltage, applied for a specified time, across a component designed to provide electrical
isolation, to verify the integrity of that isolation.
All products in this series are 100% production tested at their stated isolation voltage.
A question commonly asked is, “What is the continuous voltage that can be applied
across the part in normal operation?”
For a part holding no specific agency approvals both input and output should normally
be maintained within SELV limits i.e. less than 42.4V peak, or 60VDC. The isolation test
voltage represents a measure of immunity to transient voltages and the part should
never be used as an element of a safety isolation system. The part could be expected
to function correctly with several hundred volts offset applied continuously across the
isolation barrier; but then the circuitry on both sides of the barrier must be regarded
as operating at an unsafe voltage and further isolation/insulation systems must form
a barrier between these circuits and any user-accessible circuitry according to safety
standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can
actually degrade isolation capability, to a lesser or greater degree depending on materi-
als, construction and environment. This series has toroidal isolation transformers, with
no additional insulation between primary and secondary windings of enamelled wire.
While parts can be expected to withstand several times the stated test voltage, the iso-
lation capability does depend on the wire insulation. Any material, including this enamel
(typically polyurethane) is susceptible to eventual chemical degradation when subject to
very high applied voltages thus implying that the number of tests should be strictly lim-
ited. We therefore strongly advise against repeated high voltage isolation testing, but if
it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognised parts rated for better than
functional isolation where the wire enamel insulation is always supplemented by a
further insulation system of physical spacing or barriers.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com