Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78250MVC-R Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 78250MVC-R
Description  MAX250/MAX251 Compatible Converter Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78250MVC-R Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  78250MVC-R Datasheet HTML 1Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 2Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 3Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 4Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KMP_78250C_D03 Page 1 of 5
78250 Series
MAX250/MAX251 Compatible Converter Transformers
www.murata-ps.com
 
For full details go to
www.murata-ps.com/rohs
www.murata.com
FEATURES
RoHS compliant
Maxim MAX250/MAX251 compatible
Isolation to 4kVrms
Industry-standard pinout
Surface mount option
UL 94 V-0 package materials
Low profile
Toroidal construction
Fully encapsulated
Industrial temperature range
DESCRIPTION
The 78250 series of converter transformers
are specifically designed for use with Maxim
chipsets to provide isolated RS232 interfaces.
Carefully controlled turns ratios ensure consistent
performance whilst a toroidal construction
minimises EMI.
Surface-mount parts
The surface-mount (M suffix) products are not
recommended for new designs.
For recommended alternatives please refer to the
78250J Series datasheet.
CHARACTERISTICS 78250C
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
10kHz, 100mV
1.0
2.0
2.5
mH
Leakage Inductance, L
L
100kHz, 100mV
2.0
3.0
μH
Interwinding Capacitance, C
WW
100kHz, 100mV
69
90
pF
Primary D.C. Resistance, R
DC
<0.1VDC
1.0
2.0
Ω
Volt-time Product, Et
Pins1/2 or 2/3
50
Vμs
CHARACTERISTICS 78250VC
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
10kHz, 100mV
1.0
2.0
2.5
mH
Leakage Inductance, L
L
100kHz, 100mV
35
40
μH
Interwinding Capacitance, C
WW
100kHz, 100mV
9
12
pF
Primary D.C. Resistance, R
DC
<0.1VDC
1.4
1.8
Ω
Volt-time Product, Et
Pins1/2 or 2/3
50
Vμs
CHARACTERISTICS 78250MC
Recommended
Alternative
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
10kHz, 100mV
1.0
2.0
2.5
mH
78250JC
Leakage Inductance, L
L
100kHz, 100mV
2.0
3.0
μH
Interwinding Capacitance, C
WW
100kHz, 100mV
69
90
pF
Primary D.C. Resistance, R
DC
<0.1VDC
1.0
2.0
Ω
Volt-time Product, Et
Pins1/2 or 2/3
50
Vμs
CHARACTERISTICS 78250MVC
Recommended
Alternative
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
10kHz, 100mV
1.0
2.0
2.5
mH
78250JVC
Leakage Inductance, L
L
100kHz, 100mV
35
40
μH
Interwinding Capacitance, C
WW
100kHz, 100mV
9
12
pF
Primary D.C. Resistance, R
DC
<0.1VDC
1.4
1.8
Ω
Volt-time Product, Et
Pins1/2 or 2/3
50
Vμs
ORDER CODE DETAILS
Order Code
Package Type
Packaging Type
Quantity
78250C / 78250VC
6 Pin DIL
Tube
50
78250MC / 78250MVC
6 Pin SM
Tube
50
78250MC-R / 78250MVC-R
6 Pin SM
Tape & Reel
500
All specifications typical at T
A
=25°C
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-50°C to 125°C
Lead temperature 1.5mm from case for 10 seconds
300°C
Peak current, I
PK
300mA
Isolation voltage 78250(M)C (flash tested for 1 second)
1.5kVrms
Isolation voltage 78250(M)VC (flash tested for 1 second)
4.0kVrms


Similar Part No. - 78250MVC-R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
78250MVC-R MURATA-78250MVC-R Datasheet
146Kb / 3P
MAX250 Compatible Converter Transformers
More results

Similar Description - 78250MVC-R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
78253 CANDD-78253 Datasheet
168Kb / 2P
MAX253 Compatible Converter Transformers
logo
Murata Manufacturing Co...
KMP_7625XEN MURATA-KMP_7625XEN Datasheet
140Kb / 4P
EN Approved MAX250/251/253 Compatible Converter Transformers
KMP_78250 MURATA-KMP_78250 Datasheet
146Kb / 3P
MAX250 Compatible Converter Transformers
78250JC MURATA-78250JC Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
logo
Murata Power Solutions ...
KMP-78250J MURATA-PS-KMP-78250J Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
logo
Toppower Electronic Tec...
TP102MV TOPPOWER-TP102MV Datasheet
533Kb / 2P
MAX250/MAX251Compatible Converter Transformers
logo
Murata Power Solutions ...
78250 MURATA-PS-78250 Datasheet
98Kb / 3P
MAX250/MAX251 Compatible Converter Transformers
782100 MURATA-PS-782100 Datasheet
151Kb / 4P
PE22100 Compatible Converter Transformers
logo
Toppower Electronic Tec...
TP250MV TOPPOWER-TP250MV Datasheet
803Kb / 2P
MAX250/MAX251Compatible Converter Transformers
TP102MV TOPPOWER-TP102MV_19 Datasheet
863Kb / 2P
MAX250/MAX251Compatible Converter Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com