Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC7448
Description  Hardware Specifications Addendum for the MC7448T xxnnnnmx Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC7448_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series, Rev. 2
4
Freescale Semiconductor
General Parameters
5.2.1 Clock AC Specifications
Table 8 provides the clock AC timing specifications for the MPC7448 part numbers discussed here.
NOTE
The core frequency information in this table applies when the device
operates at the nominal core voltage indicated in Table 4. For core
frequency specifications at derated core voltage conditions, see Section 5.3,
“Voltage and Frequency Derating.”
Table 7. Power Consumption for MPC7448 at Maximum Rated Frequency
Die
Junction
(Tj) (•C)
C)
Maximum Processor Core Frequency
(Speed Grade, MHz)
Unit
Notes
1000N
1267N 7
1400N
1700L
Full-Power Mode
Typical
65
9.5
8.4
11.0
21.0
W
1, 2
Thermal
105
12.0
10.3
13.7
25.6
W
1, 5
Maximum
105
13.9
12.0
15.9
29.8
W
1, 3
Nap Mode
Typical
105
6.5
6.5
8.3
13.0
W
1, 6
Sleep Mode
Typical
105
6.3
6.3
8.0
12.5
W
1, 6
Deep Sleep Mode (PLL Disabled)
Typical
105
6.0
6.0
7.7
12.0
W
1, 6
Notes:
1. These values specify the power consumption for the core power supply (VDD) at nominal voltage and apply to all valid
processor bus frequencies and configurations. The values do not include I/O supply power (OVDD) or PLL supply power
(AVDD). OVDD power is system dependent but is typically < 5% of VDD power. Worst case power consumption for
AVDD <13mW.
2. Typical nominal power consumption is an average value measured at the nominal recommended VDD (see Table 4) and
65
°C while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz. This parameter is not 100%
tested but periodically sampled.
3. Maximum power consumption is the average measured at nominal VDD and maximum operating junction temperature (see
Table 4) while running an entirely cache-resident, contrived sequence of instructions to keep all the execution units
maximally busy.
4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep mode. As a
result, power consumption for this mode is not tested.
5. Typical thermal power consumption is an average value measured at the nominal recommended VDD (see Table 4) and
105
°C while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz. This parameter is not 100%
tested but periodically sampled.
6. Typical power consumption for these modes is measured at the nominal recommended VDD (see Table 4) and 105°C in the
mode described. This parameter is not 100% tested but is periodically sampled.
7. Power consumption for the 1267 MHz device is intentionally constrained via testing and sorting to assure low power
consumption for this device.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com