Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC7448
Description  Hardware Specifications Addendum for the MC7448T xxnnnnmx Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

  MPC7448_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7448_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series, Rev. 2
6
Freescale Semiconductor
Part Numbering and Marking
9.2
Power Supply Design and Sequencing
The power supply design and sequencing requirements of the devices described here are identical to those
described in the MPC7448 RISC Microprocessor Hardware Specifications.
11
Part Numbering and Marking
11.1
Part Numbers Addressed by This Specification
Table 17 provides the ordering information for the MPC7448 parts described in this document.
Table 17. Part Marking Nomenclature
xx
7448
T
xx
nnnn
m
x
Product
Code
Part
Identifier
Specification
Modifier
Package
Processor
Frequency
Application Modifier
Revision Level
MC
PPC1
7448
T = Extended
Temperature
Device
HX = HCTE BGA
1000
N: 1.0 V ± 50 mV
– 40 to 105
°C
C: 2.1: PVR = 0x8004_0201
D: 2.2: PVR = 0x8004_0202
1267
Revision C only
N: 1.1 V ± 50 mV
– 40 to 105
°C
1267
Revision D only
N: 1.05 V ± 50 mV
– 40 to 105
°C
1400
N: 1.15 V ± 50 mV
– 40 to 105
°C
MC
1700
L: 1.3 V +20/-50 mV
– 40 to 105
°C
D:2.2: PVR = 0x8004_0202
Notes:
1. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These
parts have only preliminary reliability and characterization data. Before pilot production prototypes can be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the
fact that product changes may still occur as pilot production prototypes are shipped.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com