Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACV2-AC1-R Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMR35-ACV2-AC1-R
Description  AC Voltmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACV2-AC1-R Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMR35-ACV2-AC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DMR35-ACV Series
AC Voltmeter
DMR35-ACV.A01.D04 Page 3 of 11
www.murata-ps.com
SPECIFICATIONS:
Measurement Performance
Min
Typ.
Max
Units
Measurement Ranges
DMR35-ACV1
0-5, 0-10, 0-15, 0-25
VAC
DMR35-ACV2
0-50, 0-150, 0-250, 0-300
VAC
Accuracy (25 °C)
60 Hz sinusoidal input
1 % Reading +4 counts
Measurement Modes
Mean Reading (Average) and True RMS, DIP Switch selectable
Measurement Frequency Range 1
20
120
Hz
Measurement Crest Factor
3
Temperature Stability (full-scale measurement)
0.02
% /°C
Input Impedance
DMR35-ACV1
100
kΩ
DMR35-ACV2
1
MΩ
Isolation/Hipot (power input terminals to measurement input
terminals)2
2150
VDC
1 Frequency range over which measurement is stable to within ±1% with sinusoidal input
2 100% Tested in production, applied for 2 seconds
Power Supply Characteristics
Min
Typ.
Max
Units
Power Supply Voltage
100
264
VAC
Power Supply Frequency
47
63
Hz
Power Supply Current
…at 120 VAC
15
mA
…at 240 VAC
10
mA
Display & User Interface
Display Type & Size
3-1/2 digit 7-segment, 11.4mm (0.45 in.) high
21 segment curved bar-graph
Display Color
Red (625nm)
Decimal Point Selection
Automatic
Out-of-range Indication
Flashing display
Measurement Range Selection
Dipswitch selectable (4 ranges)
Measurement Mode Selection
Dipswitch selectable (Average-reading or RMS)
Display Intensity Control
Dipswitch selectable (4 ranges)
Terminal Blocks
Wire Size
14-24 AWG
Insulation Strip Length
6mm (0.24 in.)
Screw Tightening Torque
0.4 N-m (3.5 lb.-in)
Operating Temperature4
0
50
°C
Storage Temperature
-40
70
°C
Humidity (non-condensing)
0
85
%RH
Sealing (front face, when installed with included gasket)
Splash and dust resistant
Mounting screws (4 included)
#4-20 0.5” thread forming
Screw Tightening Torque
9 in-lb (1 N-m)
Panel thickness when used with included mounting screws
0.062 in. (1.6mm)
0.25 in. (6.3mm)
Weight
2.5 (71)
oz. (g)
4 Maximum operating temperature applies to both front face and rear of housing. Unit must not be installed so that the rear of housing is exposed to more than the maximum operating
temperature when powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com