Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-ACV2-AC1-R Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # DMR35-ACV2-AC1-R
Description  AC Voltmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACV2-AC1-R Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button DMR35-ACV2-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 10Page - Murata Power Solutions Inc. DMR35-ACV2-AC1-R Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DMR35-ACV Series
AC Voltmeter
DMR35-ACV.A01.D04 Page 9 of 11
www.murata-ps.com
(CONTINUED):
RMS MEASUREMENT MODE VS. AVERAGE MEASUREMENT MODE.
Frequency Response, Crest Factor, and Accuracy
DMR35 AC meters are designed to accurately measure signals typically seen in 50/60 Hz AC systems. For sinusoidal input waveforms, the
measurement error typically varies less than ±1 % over the range of 20 Hz to 120 Hz, as shown in the graph below.
Since more complex waveforms contain higher frequency components and varying crest factors, the expected accuracy can vary considerably as a
function of both frequency and waveform. The table below shows some typical accuracies for RMS measurements of the following waveforms at
specified frequencies.
Waveform
Crest
Factor
Typical % Error at Given Frequency 1
30 Hz
60Hz
120 Hz
240 Hz
400 Hz
Sinusoid
0
1
1.414
0.0%
0.1%
0.4%
2.2%
4.9%
Square wave
0
1
1.000
-0.4%
-1.0%
-2.0%
-3.9%
-4.9%
Triangle
0
1
1.732
0.1%
0.1%
0.3%
1.8%
4.1%
Phase-
controlled
Sinusoid –
leading 50%
0
1
2.000
-0.7%
-1.5%
-2.6%
-6.0%
-12.4%
1
DMR35-ACV1 response, measured against calibrated Fluke 8845A RMS digital multimeter
-30%
-25%
-20%
-15%
-10%
-5%
0%
5%
10%
10
100
1000
Frequency (Hz)
Typical Measurement Error vs. Frequency,
Sinusoidal Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com