Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84142-B25-R Datasheet(PDF) 1 Page - EPCOS

Part # B84142-B25-R
Description  Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84142-B25-R Datasheet(HTML) 1 Page - EPCOS

  B84142-B25-R Datasheet HTML 1Page - EPCOS B84142-B25-R Datasheet HTML 2Page - EPCOS B84142-B25-R Datasheet HTML 3Page - EPCOS B84142-B25-R Datasheet HTML 4Page - EPCOS B84142-B25-R Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
179 03/01
2-Line Filters
B84142-B*-R
for Converters and Power Electronics
Power line filters for single-phase systems
Rated voltage 250 V~, 50/60 Hz
Rated current 8 A to 25 A
Construction
s Two-line filter
s Metal case
Features
s Very high insertion loss
due to two-stage construction
s Low leakage current
s Easy to install
s Degree of protection: IP 201)
s Design complies with
EN 133 200, UL 1283, CSA 22.2 No.8 1986
s Optimized for long motor cables
and operation under full load
Applications
s Frequency converters for motor drives, e.g.
– elevators
– conveyor systems
– pumps
– traction systems
– HVAC systems (heating, ventilation and air conditioning)
s Power supplies
Terminals
s Safe-to-touch terminal blocks
Marking
Marking on component:
Manufacturer’s logo, ordering code,
rated voltage, rated current,
rated temperature, date code
Minimum marking on packaging:
Manufacturer’s logo, ordering code
1) In accordance with IEC 60529: 1989; EN 60529: 1991; DIN VDE 0470-1


Similar Part No. - B84142-B25-R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84142-A1000-S18 EPCOS-B84142-A1000-S18 Datasheet
172Kb / 7P
72-Line Filters for Converters in Traction Systems
B84142-A1000-S2 EPCOS-B84142-A1000-S2 Datasheet
172Kb / 7P
72-Line Filters for Converters in Traction Systems
B84142-A1000-S3 EPCOS-B84142-A1000-S3 Datasheet
172Kb / 7P
72-Line Filters for Converters in Traction Systems
B84142-A20-R EPCOS-B84142-A20-R Datasheet
220Kb / 7P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
More results

Similar Description - B84142-B25-R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84110A EPCOS-B84110A Datasheet
123Kb / 7P
Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84114-D-A10 EPCOS-B84114-D-A10 Datasheet
159Kb / 8P
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
B84115-E-A30 EPCOS-B84115-E-A30 Datasheet
155Kb / 7P
SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84102-K EPCOS-B84102-K Datasheet
101Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84103 EPCOS-B84103 Datasheet
156Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84110-A EPCOS-B84110-A Datasheet
104Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
B84110-B EPCOS-B84110-B Datasheet
94Kb / 4P
Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com