Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32682 Datasheet(PDF) 2 Page - EPCOS

Part # B32682
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32682 Datasheet(HTML) 2 Page - EPCOS

  B32682 Datasheet HTML 1Page - EPCOS B32682 Datasheet HTML 2Page - EPCOS B32682 Datasheet HTML 3Page - EPCOS B32682 Datasheet HTML 4Page - EPCOS B32682 Datasheet HTML 5Page - EPCOS B32682 Datasheet HTML 6Page - EPCOS B32682 Datasheet HTML 7Page - EPCOS B32682 Datasheet HTML 8Page - EPCOS B32682 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
179 12/00
Wound MFP pulse capacitors
with highest possible contact reliability
Construction
I Dielectric: polypropylene
I Film metallized on one side and
metal foils internally connected in series
I Plastic case (UL 94 V-0)
I Epoxy resin sealing
Features
I Very high pulse strength
I Highest possible contact reliability
I Self-healing properties
Typical applications
I Pulse circuits with steep voltage rise rates
I High-frequency ac loads
I Snubbering of power semiconductors
Terminals
I Parallel wire leads, tinned
I Also available with (3,2
± 0,3) mm lead length
Marking
Manufacturer’s logo,
lot number
style (MFP),
rated capacitance (coded),
capacitance tolerance (code letter),
rated dc voltage,
date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reels)
For notes on taping, refer to chapter “Taping and packing”, page 274.
Dimensions in mm
Lead spacing
± 0,4
Diameter d1
Type
15,0
0,8
B 32 682
22,5
0,8
B 32 683
27,5
0,8
B 32 684
37,5
1,0
B 32 686
B32 682
Metallized Polypropylene Film Capacitors (MFP)
…B 32 686
in Plastic Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com