Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32682 Datasheet(PDF) 3 Page - EPCOS

Part # B32682
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32682 Datasheet(HTML) 3 Page - EPCOS

  B32682 Datasheet HTML 1Page - EPCOS B32682 Datasheet HTML 2Page - EPCOS B32682 Datasheet HTML 3Page - EPCOS B32682 Datasheet HTML 4Page - EPCOS B32682 Datasheet HTML 5Page - EPCOS B32682 Datasheet HTML 6Page - EPCOS B32682 Datasheet HTML 7Page - EPCOS B32682 Datasheet HTML 8Page - EPCOS B32682 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
180 12/00
MFP
Overview of available types
Lead
spacing
15 mm
22,5 mm
Type
B 32 682
B 32 683
Page
181
182
0,10 nF
0,15 nF
0,22 nF
0,33 nF
0,47 nF
0,68 nF
1,0
nF
1,5
nF
2,2
nF
3,3
nF
4,7
nF
6,8
nF
10
nF
15
nF
22
nF
33
nF
47
nF
68
nF
0,10
µF
0,15
µF
Lead
spacing
27,5 mm
37,5 mm
Type
B 32 684
B 32 686
Page
183
184
15
nF
22
nF
33
nF
47
nF
68
nF
0,10
µF
0,15
µF
0,22
µF
0,33
µF
0,47
µF
B 32 686
B 32 682 …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com