Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDA03 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # LCDA03
Description  TVS ARRAY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

LCDA03 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  LCDA03 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD LCDA03 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD LCDA03 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD LCDA03 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0284, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
LCDA03
THRU
LCDA36
Circuit Diagram
Mechanical Dimensions SO-8
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
1.350
1.800
0.053
0.071
A1
0.100
0.250
0.004
0.010
A2
1.350
1.750
0.053
0.069
b
0.306
0.510
0.012
0.020
c
0.150
0.300
0.006
0.012
D
4.720
5.120
0.186
0.202
e
1.140
1.400
0.045
0.055
E
5.700
6.300
0.224
0.248
E1
3.750
4.150
0.148
0.163
L
0.300
1.270
0.012
0.050
θ
0°
8°
0°
8°
Carrier Tape Specification SO-8
The devices are connected as follows:
✔
Pins 1 and 2 are tied together and pins 7 and 8 are tied together providing the protection circuit for one I/O line. Pins 3
and 4 are tied together and pins 5 and 6 are tied together providing the protection circuit for the second I/O line. Since the
device is electrically symmetrical, either side of the connected pairs may be used to protect the lines. The other side of
the pair is used to make the ground connection. The ground connections should be made directly to the ground plane for
best results. The path length is kept as short as possible to reduce the effects of parasitic inductance in the board traces.
short as possible to reduce the effects of parasitic inductance in the board traces.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com